CDSCB10M7GA121-R0
AI

## Technical Overview of CDSCB10M7GA121-R0
The **CDSCB10M7GA121-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the category of **Ceramic Discriminators**, which are used primarily in communication equipment for demodulating FM signals.
---
### 1. Fundamental Component Details
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Product Type** | Ceramic Discriminator (CERASTRAT) |
| **Nominal Frequency** | 10.7 MHz |
| **Application** | FM Demodulation (Quadrature Detection) |
| **Package Type** | SMD (Surface Mount Device) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. How it Works
A ceramic discriminator is a type of resonator that converts frequency variations into voltage variations. In an FM receiver circuit, it acts as the frequency-selective element in a **quadrature detection** circuit.
1. **Phase Shifting:** The internal piezoelectric ceramic material creates a phase shift relative to the incoming signal's frequency.
2. **Detection:** When paired with an IC (Integrated Circuit), the phase difference is detected and converted back into the original audio or data signal.
---
### 3. Key Characteristics
* **High Stability:** Ceramic technology provides better temperature stability and aging characteristics compared to traditional LC (Inductor-Capacitor) circuits.
* **Miniaturization:** The "CDSCB" series is designed for surface mounting, allowing for high-density PCB layouts in portable devices.
* **Adjustment Free:** Unlike older analog radios that required manual tuning of coils, these ceramic components are pre-tuned to 10.7 MHz, simplifying the manufacturing process.
---
### 4. Circuit Implementation
In a typical FM IF (Intermediate Frequency) stage, this component is connected to the FM detector pins of a radio IC (such as those from Silicon Labs, Toshiba, or NXP).
```mermaid
graph LR
A[IF Signal 10.7MHz] --> B[FM Receiver IC]
B <--> C[CDSCB10M7GA121-R0]
B --> D[Audio Output]
```
---
### 5. Common Applications
* Car audio systems.
* Portable FM radios.
* Wireless communication modules.
* Remote control receivers using FM modulation.
- ⤷
What is the difference between a ceramic discriminator and a ceramic filter?
- ⤷ Which specific FM receiver ICs are compatible with this part?
- ⤷ Can this component be used for digital data demodulation?