CDSCB10M7GA113-R0
AI

## Detailed Analysis of CDSCB10M7GA113-R0
The **CDSCB10M7GA113-R0** is a specific surface-mount **Ceramic Discriminator** manufactured by **Murata Electronics**. These components are primarily used in communication equipment for the detection of FM signals.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Center Frequency** | 10.7 MHz |
| **Type** | Ceramic Discriminator |
| **Mounting Type** | Surface Mount (SMD) |
| **Package/Case** | 1812 (4532 Metric) |
| **Operating Temperature** | -20°C to +80°C |
| **Frequency Tolerance** | ±30 kHz |
---
### 2. Functional Description
A ceramic discriminator is a resonant device that converts frequency variations (FM) into voltage variations (audio/data).
* **Mechanism:** It works in conjunction with an FM IC (Integrated Circuit) to form a quadrature detection circuit.
* **Piezoelectric Effect:** It utilizes the mechanical vibration of piezoelectric ceramics at a specific frequency (10.7 MHz, which is the standard Intermediate Frequency for FM radio).
* **Stability:** Unlike LC (Inductor-Capacitor) circuits, ceramic discriminators require no adjustment and offer high stability against aging and temperature changes.
---
### 3. Application Areas
This specific part is widely used in the following electronics:
1. **FM Radio Receivers:** Converting the 10.7 MHz IF signal into audible sound.
2. **Wireless Communication:** Used in narrow-band FM receivers for pagers or walkie-talkies.
3. **Cordless Phones:** Handling signal demodulation in older analog or digital-analog hybrid systems.
---
### 4. Circuit Implementation Example
In a typical circuit, the discriminator is connected to the "Quadrature" or "Phase Shift" pin of an FM IF IC (e.g., those from Toshiba, Sanyo, or NXP).
```c
// Concept of Operation
[FM IF Signal (10.7MHz)] -> [FM Demodulator IC]
|
[CDSCB10M7GA113-R0 (Phase Shifter)]
|
[Demodulated Audio Output]
```
---
- ⤷
What is the difference between a ceramic filter and a ceramic discriminator?
- ⤷ Can this component be used in 455 kHz applications?
- ⤷ What are the common failure modes of ceramic discriminators in aging electronics?