CDSCB10M7GA085-R0
AI

The **CDSCB10M7GA085-R0** is a specific type of ceramic resonator produced by **Murata Manufacturing**. It is primarily used in communication equipment and consumer electronics for frequency control and timing.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Resonator (CERALOCK®) |
| **Nominal Frequency** | 10.7 MHz |
| **Frequency Tolerance** | ±30 kHz (Standard for FM applications) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Package Size** | 4.5 x 2.0 mm (approx.) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Electronic Function and Role
A ceramic resonator functions similarly to a quartz crystal but uses **piezoelectric ceramics** (typically lead zirconate titanate). Its primary roles include:
* **Frequency Generation:** It provides a stable clock signal for microcontrollers or ICs.
* **IF Filtering:** In radio applications, it acts as an Intermediate Frequency (IF) filter for 10.7 MHz signals, which is the standard IF for FM radio broadcasting.
* **Oscillation:** When paired with an inverter or an internal oscillator circuit of an IC, it creates a stable sine or square wave.
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
It is important to understand why this specific part might be chosen over a crystal:
1. **Cost:** Ceramic resonators like the CDSCB series are generally cheaper than quartz crystals.
2. **Size:** The SMD form factor is extremely low-profile, saving PCB space.
3. **Stability:** While quartz crystals are more precise (measured in ppm), ceramic resonators offer sufficient stability (measured in %) for many consumer applications at a lower price point.
4. **Built-in Capacitance:** Many CERALOCK® models include internal load capacitors, simplifying the circuit design by removing the need for external capacitors.
---
### 4. Typical Applications
* **FM Radio Receivers:** Used in the discriminator or IF stage.
* **Microcontrollers:** Providing the clock source for low-to-medium speed processing.
* **Remote Controls:** Generating carrier frequencies.
* **Automotive Electronics:** Used in non-safety critical systems like infotainment.
- ⤷
What is the difference between the CDSCB series and the CSTCE series of resonators?
- ⤷ How do I calculate the external load capacitance if this model does not have it built-in?
- ⤷ Can this part be used in high-precision GPS timing applications?