công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CDP-RX-02

  • AI
    ## Overview of the CDP-RX-02 The **CDP-RX-02** is a compact, high-performance FM narrow-band receiver module, typically operating in the **434 MHz** UHF band. It is widely used in industrial remote control systems, security devices, and data transmission because of its high sensitivity and frequency stability. --- ### Core Electronic Components The module is built using a combination of discrete components and integrated circuits (ICs) to handle radio frequency (RF) down-conversion and signal processing. | Component Category | Description | | :--- | :--- | | **RF Front-End** | Contains a SAW (Surface Acoustic Wave) filter to reject out-of-band interference and a Low Noise Amplifier (LNA). | | **Local Oscillator** | Utilizes a TCXO (Temperature Compensated Crystal Oscillator) or a high-stability PLL synthesizer to ensure frequency accuracy. | | **FM Demodulator IC** | A specialized IC that converts the incoming modulated RF signal into an analog baseband or digital data stream. | | **Intermediate Frequency (IF) Filter** | Ceramic filters (usually 10.7 MHz or 455 kHz) used to provide narrow-band selectivity. | --- ### Technical Specifications The internal circuitry is designed to meet the following parameters: * **Operating Frequency:** 433.050 MHz to 434.790 MHz (Standard). * **Modulation Type:** FSK (Frequency Shift Keying) / FM. * **Sensitivity:** Approximately -110 dBm to -120 dBm (allowing for long-range reception). * **Operating Voltage:** 3.0V to 5.5V DC. * **Current Consumption:** Low power, typically around 15-20 mA. --- ### Pin Configuration & Functionality The CDP-RX-02 usually features a single-in-line (SIL) or dual-in-line (DIL) pin layout. Below are the primary electronic connections: 1. **VCC:** Regulated power supply input. 2. **GND:** Common ground connection. 3. **RF IN:** 50-ohm antenna connection point. 4. **AF OUT:** Analog Frequency output (Raw demodulated signal). 5. **DATA OUT:** Digital output (Squared signal ready for a microcontroller). 6. **RSSI:** Received Signal Strength Indicator (Voltage output proportional to signal strength). --- ### Key Features for Developers * **High Selectivity:** The narrow-band design allows multiple systems to operate in the same area on adjacent channels without interference. * **Double Superheterodyne:** Most versions use a double-conversion process to improve image rejection and overall stability. * **Industrial Grade:** Unlike cheap "regenerative" receivers, the CDP-RX-02 is stable across a wide temperature range (-20°C to +60°C). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the CDP-RX-02?
    • ⤷ How does the RSSI pin help in diagnosing signal interference?
    • ⤷ Can the CDP-RX-02 be paired with the CDP-TX-02 transmitter?