CDBKB455KCAY29-R0
AI

## Technical Overview: CDBKB455KCAY29-R0
The **CDBKB455KCAY29-R0** is a specialized electronic component primarily used in communication equipment. It belongs to the category of **Ceramic Discriminators**, specifically designed for the demodulation of FM (Frequency Modulation) signals.
### 1. Key Specifications and Characteristics
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Manufacturing Co., Ltd. |
| **Component Type** | Ceramic Discriminator |
| **Center Frequency** | 455 kHz |
| **Application** | FM Demodulation / IF (Intermediate Frequency) stages |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | 2-SMD (Specific Murata footprint) |
| **Packaging** | Tape & Reel (R0 suffix) |
---
### 2. Functional Description
A ceramic discriminator like the CDBKB455KCAY29-R0 acts as a resonant element in FM detection circuits.
* **Operation Principle:** It converts frequency variations (FM signal) into voltage variations (audio/data signal). It is typically used in conjunction with an Integrated Circuit (IC) that performs the signal processing.
* **Piezoelectric Effect:** The device utilizes the mechanical resonance of piezoelectric ceramics to achieve high stability and sensitivity at its center frequency of 455 kHz.
### 3. Common Applications
This part is commonly found in narrowband communication devices, including:
1. **Walkie-Talkies / Two-way Radios:** For decoding voice transmissions.
2. **Cordless Phones:** Used in the receiver IF stage.
3. **Wireless Data Modules:** Assisting in the recovery of digital data modulated via FM.
4. **Pagers:** Legacy communication devices.
### 4. Part Number Breakdown (Murata Standard)
* **CDB:** Ceramic Discriminator series.
* **KB:** Specific package style and material characteristics.
* **455:** Represents the center frequency (455 kHz).
* **KCAY29:** Internal designator for tolerance, bandwidth, and specific electrical characteristics.
* **R0:** Packaging code, typically indicating a 7-inch or 13-inch reel for automated assembly.
---
### 5. Design Considerations
* **IC Compatibility:** This discriminator must be matched with a specific FM IF IC (e.g., Toshiba TA series or Motorola MC series) designed for 455 kHz operation.
* **Impedance Matching:** Proper circuit design requires matching the discriminator's impedance to the IC's internal circuitry to ensure low distortion and clear audio recovery.
- ⤷What is the difference between a ceramic filter and a ceramic discriminator?
- ⤷ Which integrated circuits are most compatible with the CDBKB455KCAY29-R0?
- ⤷ What are the soldering precautions for SMD ceramic components like this?