công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CD4541G-S14-R

  • AI
    ## Overview of CD4541G-S14-R The **CD4541G-S14-R** is a CMOS Programmable Timer Integrated Circuit (IC). It is designed to generate precise time delays or long-term timing cycles. It belongs to the 4000 series logic family and is widely used for industrial control, timing circuits, and delayed-action relays. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Logic Type** | Programmable Timer / Frequency Divider | | **Supply Voltage (Vcc)** | 3V to 18V | | **Package Type** | SOP-14 (Small Outline Package) | | **Operating Temperature** | -55°C to +125°C | | **Number of Stages** | 16-stage binary counter | | **Oscillator Type** | RC or External Clock | | **Output Current** | Approx. 1.2mA (at 5V) | --- ### 2. Key Internal Components The IC functions by combining several internal stages to achieve long timing intervals: 1. **Oscillator Section:** Can be configured using an external resistor (R) and capacitor (C). The frequency is determined by $f \approx \frac{1}{2.3 \cdot R_{tc} \cdot C_{tc}}$. 2. **16-Stage Binary Counter:** This allows the input frequency to be divided down significantly, enabling very long delays (up to $2^{16}$ counts). 3. **Control Logic:** Includes pins for: * **Auto-Reset:** Determines if the timer resets on power-up. * **Mode Select:** Chooses between "Single Cycle" (One-shot) or "Recycle" (Astable) modes. * **Programming Inputs (A & B):** Used to select the division ratio ($2^8, 2^{10}, 2^{13}, \text{or } 2^{16}$). --- ### 3. Pin Configuration (SOP-14) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | RTC, CTC, RS | Oscillator component connections | | 5, 6 | A, B | Programming pins for time interval selection | | 7 | Vss | Ground (0V) | | 8 | Initial Reset | Manual reset input | | 9 | Output Select | Selects output polarity (High or Low during timing) | | 10 | MODE | Single-cycle or continuous operation | | 14 | Vdd | Positive Supply Voltage | --- ### 4. Application Logic The **CD4541G** is often preferred over the 555 timer for long durations (minutes to hours) because: * It uses a high-frequency oscillator divided down by a 16-stage counter, which maintains accuracy over long periods. * It consumes extremely low power due to its CMOS architecture. * It can operate at a wide range of voltages (up to 18V). ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the exact RC values for a 1-hour delay using the CD4541G?
    • ⤷ What is the difference between the 'Single Cycle' and 'Recycle' modes on this IC?
    • ⤷ Can this IC be triggered by an external clock instead of an RC oscillator?