CCT-49K76D-R
AI

The **CCT-49K76D-R** is a specific model of an LCD/LED display panel, commonly utilized in digital signage, industrial monitors, or video wall installations. This part number typically refers to a **49-inch professional-grade display module**.
Below is a breakdown of the electronic components and technical specifications associated with this part.
---
### 1. Core Technical Specifications
The electronics of the CCT-49K76D-R are designed for high-enduerance and specific optical performance.
| Parameter | Specification Details |
| :--- | :--- |
| **Panel Size** | 49-inch Diagonal |
| **Resolution** | Full HD (1920 x 1080) or 4K (Model variant dependent) |
| **Backlight Type** | LED (Light Emitting Diode) |
| **Bezel Width** | Often "Ultra-Narrow Bezel" (UNB) for video walls |
| **Interface** | LVDS (Low-Voltage Differential Signaling) or V-by-One |
| **Orientation** | Supports both Landscape and Portrait modes |
### 2. Key Electronic Assemblies
The assembly consists of several integrated circuit (IC) layers and boards:
#### A. The T-CON Board (Timing Controller)
The T-CON is the "brain" of the panel. It translates the video signal from the main logic board into the specific row and column signals required by the LCD pixels.
* **Function:** Controls timing of the Source and Gate drivers.
* **Components:** Logic ICs, EEPROM (for EDID data), and Gamma correction chips.
#### B. LED Backlight Driver (Inverter)
Since this is an "R" suffix model (often denoting a specific Revision or Rohs compliance), the backlight driver is highly efficient.
* **Voltage:** Typically operates on a 24V DC input.
* **PWM Dimming:** Supports Pulse Width Modulation for brightness control.
#### C. Source and Gate Driver ICs
These are micro-chips bonded directly to the glass (COF - Chip on Film).
* **Source Drivers:** Handle the grayscale/color data for each column.
* **Gate Drivers:** Switch the rows on and off in sequence.
---
### 3. Connection Interface
To drive the CCT-49K76D-R, the following electronic interfaces are standard:
1. **Power Input:** Standard 8-pin or 12-pin headers for 12V/24V power.
2. **Signal Input:** 51-pin or 41-pin LVDS connector.
3. **Backlight Control:** A separate 6-pin to 14-pin connector for "BLON" (Backlight On), "E-PWM" (Dimming), and Ground.
### 4. Common Application Electronics
When integrated into a final product, this panel is usually paired with:
* **AD Board (Analog-to-Digital):** Converts HDMI/DisplayPort signals to LVDS.
* **OSD Keypad:** For manual menu navigation.
* **Power Supply Unit (PSU):** Often an industrial-grade AC-DC converter.
---
- ⤷What is the pinout configuration for the LVDS interface on this model?
- ⤷ Can this display panel be used for outdoor high-brightness applications?
- ⤷ What are the compatible AD controller boards for the CCT-49K76D-R?