CCRT-40K60-R
AI

The **CCRT-40K60-R** is a high-performance coaxial switch manufactured by Teledyne Coax Switches. It belongs to the CCR-40K series, designed specifically for demanding microwave and RF applications.
### 1. Key Specifications
The following table outlines the primary electrical and mechanical characteristics of the CCRT-40K60-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 40 GHz |
| **Actuation** | Latching |
| **Operating Voltage** | 28 Vdc (Typical) |
| **Impedance** | 50 Ohms |
| **Connector Type** | 2.92mm (K-Type) |
| **Operating Temperature** | -55°C to +85°C |
---
### 2. Functional Electronic Parts & Features
The device is composed of several critical subsystems that allow it to function as a precision RF component:
* **Latching Actuator:** Unlike "failsafe" switches, this latching model uses a permanent magnet to hold the switch in its last position. It only requires a momentary pulse of current to switch states, which significantly reduces power consumption and heat dissipation.
* **Internal Terminations:** The "T" in the part number indicates it is a **Terminated** switch. When a port is not in use (OFF state), it is automatically connected to an internal 50-ohm load. This prevents signal reflections that could damage sensitive upstream components.
* **Electronic Interface:** The unit typically includes a multi-pin connector (often a D-sub or solder pins) to interface with the control system. This interface handles:
* **Pulse Command:** Triggers the switch transition.
* **Indicator Circuitry:** Provides electronic feedback to the controller to confirm the switch position (Open/Closed).
* **RF Contact Assembly:** Utilizing high-grade gold-plated contacts to ensure low insertion loss and high isolation across the wide 40 GHz bandwidth.
---
### 3. Performance Metrics (RF)
The efficiency of the electronic path is measured by these three critical factors:
1. **Insertion Loss:** Measures the signal power lost through the switch. At 40 GHz, this is kept extremely low to maintain signal integrity.
2. **Isolation:** Measures the "leakage" to the unused port. High isolation is critical for preventing cross-talk in test environments.
3. **VSWR (Voltage Standing Wave Ratio):** Ensures the switch maintains a consistent 50-ohm environment to minimize signal reflections.
---
### 4. Typical Applications
* **Automated Test Equipment (ATE):** Routing high-frequency signals between multiple instruments.
* **Satellite Communications:** Switching between redundant signal paths.
* **Military Radar:** High-reliability signal distribution in extreme environments.
- ⤷
What is the power consumption difference between the latching and failsafe versions of this switch?
- ⤷ How does the internal 50-ohm termination improve circuit stability?
- ⤷ What are the pinout configurations for the 28Vdc control interface?