CCRT-33S6E-R
AI

The **CCRT-33S6E-R** is a specialized RF (Radio Frequency) coaxial switch manufactured by **Teledyne Relays**. It belongs to the **CRT-33 Series**, which consists of elite, failsafe, multi-throw coaxial switches designed for high-performance signal routing.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | SP6T (Single Pole, Six Throw) |
| **Frequency Range** | DC to 18 GHz |
| **Actuator Type** | Failsafe |
| **Voltage (Nominal)** | 28 VDC |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA (Female) |
| **Actuation Current** | ~140 mA per channel at 28V |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's configuration:
* **C**: Commercial Grade (Standard environmental testing).
* **CRT-33**: Series designation (Coaxial, Multi-throw, DC-18GHz).
* **S**: SMA Connectors.
* **6**: 6-Position (SP6T).
* **E**: Internal Solder Terminals (for electrical connection).
* **R**: Positive Common (Common Anode) polarity for the indicator/coil.
---
### 3. Electronic Performance Characteristics
#### RF Performance
This switch is designed for minimal signal degradation. As frequency increases, performance typically follows this trend:
* **Insertion Loss:** Very low (typically < 0.2 dB at 3 GHz; < 0.5 dB at 18 GHz).
* **Isolation:** High isolation between ports (typically > 80 dB at lower frequencies; > 60 dB at 18 GHz) to prevent crosstalk.
* **VSWR (Voltage Standing Wave Ratio):** Usually kept below 1.5:1 to ensure maximum power transfer.
#### Actuation Mechanism
The **Failsafe** operation means that when DC power is removed, the switch reverts to a pre-defined "off" or default state. It requires continuous current to maintain an active path to one of the six output ports.
#### Indicator Circuitry
The "E" and "R" designations often imply the inclusion of indicator contacts. These are secondary electronic circuits that allow a microcontroller or monitoring system to verify which RF path is physically closed without probing the RF line itself.
---
### 4. Common Applications
* **Automated Test Equipment (ATE):** Routing multiple signals to a single measuring instrument (like a Spectrum Analyzer).
* **Satellite Communications:** Redundancy switching and signal distribution.
* **Telecommunications Infrastructure:** High-frequency signal switching in base stations.
- ⤷
What is the difference between a failsafe and a latching actuator in RF switches?
- ⤷ How does temperature affect the insertion loss of the CCRT-33S6E-R?
- ⤷ Can this switch be controlled using a 5V logic signal instead of 28V?