CCR-53S70-R
AI

## Overview of CCR-53S70-R
The **CCR-53S70-R** is a high-performance **Electromechanical Coaxial Switch** manufactured by Teledyne Relays. It belongs to the CCR-53 series, which are typically SPDT (Single Pole Double Throw) switches designed for routing RF signals with minimal loss across a wide frequency range.
---
### Technical Specifications
The following table outlines the primary electronic and physical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 26.5 GHz |
| **Impedance** | 50 Ohms |
| **Actuator Voltage** | 28 VDC (Typical for '70' series) |
| **Actuator Type** | Latching |
| **Connector Type** | SMA (Female) |
| **Operating Temperature** | -55°C to +85°C |
---
### Key Electronic Components & Features
#### 1. Latching Actuator
Unlike "Failsafe" switches that require continuous power to stay in a specific position, the **Latching** mechanism in the CCR-53S70-R only requires a pulse of current to change states. Once shifted, it remains in that position without further power consumption, reducing heat dissipation.
#### 2. Internal Terminations
The "70" designation often implies specific features regarding internal termination or circuit configuration. These switches are designed to provide high **Isolation** (preventing signal leakage between ports) and low **Insertion Loss** (minimizing signal strength reduction).
#### 3. RF Contacts
The internal contacts are engineered using specialized gold-plated materials to ensure:
* Low contact resistance.
* Repeatability over millions of switching cycles.
* Power handling capability for RF signals.
---
### Application Use Cases
1. **Automated Test Equipment (ATE):** Routing signals from a single source to multiple testing points.
2. **Satellite Communications:** Switching between primary and redundant signal paths.
3. **Broadband Communications:** Used in infrastructure where high-frequency signal integrity is critical.
---
- ⤷What is the difference between the latching and failsafe versions of this switch?
- ⤷ What is the maximum power handling capacity of the CCR-53S70-R at 26.5 GHz?
- ⤷ Does this model include indicator contacts for position sensing?