CCP-32N60-R
AI

The **CCP-32N60-R** is a high-performance power semiconductor, typically identified as an N-channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is designed for high-voltage switching applications, often found in power supplies and industrial converters.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for this series, here are the primary electrical characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 600V | Maximum voltage the device can handle. |
| **Continuous Drain Current ($I_D$)** | 32A | Maximum current at a specific temperature (usually 25°C). |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Low ($\approx$ 0.1 - 0.15 $\Omega$) | Resistance when the transistor is fully "ON". |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$30V | Range of voltage used to control the gate. |
| **Package Type** | TO-247 / TO-3P | Large package designed for high heat dissipation. |
---
### 2. Functional Description
The CCP-32N60-R utilizes **Super-Junction Technology**. Unlike standard planar MOSFETs, super-junction devices allow for a much lower "On-Resistance" ($R_{DS(on)}$) while maintaining a high breakdown voltage.
#### Core Advantages:
* **High Efficiency:** Low resistance means less energy is wasted as heat during operation.
* **Fast Switching:** Optimized gate charge ($Q_g$) allows the device to turn on and off rapidly, which is essential for high-frequency power converters.
* **Thermal Stability:** The robust package allows it to be bolted to a heatsink to manage high power loads.
---
### 3. Common Applications
This part is commonly integrated into the following circuits:
1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element to convert AC to DC.
2. **Uninterruptible Power Supplies (UPS):** Managing high-current battery discharge and inversion.
3. **Solar Inverters:** Converting DC power from solar panels into AC grid power.
4. **PFC (Power Factor Correction):** Improving the efficiency of power input stages in industrial machinery.
---
### 4. Circuit Implementation Example
In a standard switching circuit, the MOSFET is controlled via a Gate Driver IC.
```cpp
// Pseudocode for PWM Gate Control
void setup() {
pinMode(PWM_GATE_PIN, OUTPUT);
}
void loop() {
// Rapidly toggle the gate to regulate output voltage
digitalWrite(PWM_GATE_PIN, HIGH);
delayMicroseconds(10);
digitalWrite(PWM_GATE_PIN, LOW);
delayMicroseconds(10);
}
```
- ⤷
What are the equivalent alternative parts for the CCP-32N60-R?
- ⤷ How does the Super-Junction technology differ from standard Planar MOSFETs?
- ⤷ What specific thermal management is required for this MOSFET at 32A?