công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CC5003JBGP

  • AI
    The **CC5003JBGP** is a specific electronic component, typically identified as a **high-precision thin-film resistor** or a specialized **surface-mount capacitor** depending on the specific manufacturer (commonly associated with brands like Yageo or specialized industrial suppliers). Below is a breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications This component is designed for high-reliability applications where stability and tolerance are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Passive Component (Resistor/Capacitor Series) | | **Package / Case** | 0402 or 0603 (Inches) - SMD (Surface Mount Device) | | **Tolerance** | ±5% (indicated by the 'J' in the part number) | | **Material** | Ceramic / Thin-film technology | | **Mounting Type** | SMT (Surface Mount Technology) | | **Termination** | Lead-free, RoHS compliant (GP = General Purpose/Green Process) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific performance metrics: 1. **CC**: Often refers to the series (e.g., Ceramic Chip). 2. **5003**: In resistor terms, this often represents the value. For example, $500 \times 10^3 = 500k \Omega$. 3. **J**: Represents the **Tolerance**. J is the standard code for **±5%**. 4. **B**: Typically denotes the packaging style (e.g., Bulk or Taping). 5. **GP**: Stands for **Green Product**, signifying that the part is halogen-free and meets environmental safety standards (RoHS). --- ### 3. Key Applications These parts are used in high-density circuit boards where space is limited but performance must remain steady. * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Telecommunications:** Signal processing units and base stations. * **Power Management:** Used in voltage divider circuits and feedback loops. * **Automotive:** Infotainment systems and sensor modules. --- ### 4. Handling and Soldering Because this is an SMD component, specific handling is required: ```markdown - Soldering: Reflow soldering is recommended. - Temperature Profile: Max 260°C for 10 seconds. - Storage: Keep in moisture-controlled environments (MSL 1). - Cleaning: Compatible with standard aqueous or chemical PCB cleaners. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance or capacitance value for this specific part number?
    • ⤷ Is there an equivalent replacement from a different manufacturer?
    • ⤷ What are the power rating limits for the CC5003 series?