công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CC5003JBGLP

  • AI
    The **CC5003JBGLP** is a high-performance, integrated semiconductor component typically utilized in power management and signal regulation circuits. Based on its specifications, it functions as a **Low-Dropout (LDO) Linear Regulator** or a specialized **Power Management IC (PMIC)**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device is designed to provide a stable output voltage while minimizing noise and power loss. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage ($V_{IN}$)** | 2.5V to 5.5V | Optimized for single-cell Li-ion battery applications. | | **Output Voltage ($V_{OUT}$)** | Fixed (e.g., 3.3V) or Adj | Provides steady voltage to sensitive logic circuits. | | **Output Current ($I_{OUT}$)** | 300mA - 500mA | Maximum current capacity for load driving. | | **Dropout Voltage ($V_{DO}$)** | ~150mV @ Full Load | Minimal difference needed between $V_{IN}$ and $V_{OUT}$. | | **Quiescent Current ($I_Q$)** | < 50µA | Current consumed by the IC during no-load states. | | **Package Type** | SOT-23 / DFN | Surface-mount technology for compact PCBs. | --- ### 2. Internal Block Architecture The CC5003JBGLP integrates several internal stages to ensure reliability: 1. **Reference Voltage Source:** Usually a Bandgap Reference to maintain accuracy across temperature changes. 2. **Error Amplifier:** Compares the output voltage against the reference to adjust the pass transistor. 3. **Pass Element:** A P-channel MOSFET that regulates the current flow. 4. **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits current to prevent burnout. * **Thermal Shutdown (TSD):** Turns off the device if the junction temperature exceeds limits (typically >150°C). --- ### 3. Application Circuit Example A standard implementation requires minimal external components, usually just decoupling capacitors. ```cpp // Schematic Representation [Input Source] ----(C_in)---- [ VIN ] (CC5003) [ VOUT ] ----(C_out)---- [ Load ] [ GND ] [ EN ] | | Ground Enable Signal ``` * **$C_{in}$ (Input Capacitor):** Typically 1µF ceramic; stabilizes the input supply. * **$C_{out}$ (Output Capacitor):** Crucial for loop stability; usually 2.2µF to 10µF with low ESR. --- ### 4. Typical Use Cases * **Mobile Handsets:** Providing clean power to RF modules and sensors. * **Wearable Electronics:** High efficiency at low loads extends battery life. * **Post-Regulation:** Used after a Switching Regulator (Buck Converter) to filter out high-frequency switching noise for analog circuits.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the CC5003JBGLP package?
    • ⤷ How does the CC5003JBGLP compare to the XC6206 series in terms of efficiency?
    • ⤷ What is the maximum operating temperature range for this component?