công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CC1150-RTR1

  • AI
    The **CC1150-RTR1** is a high-performance, low-power sub-1 GHz RF transmitter designed by Texas Instruments. It is primarily used for wireless data transmission in industrial, scientific, and medical (ISM) frequency bands. --- ## 1. Core Technical Specifications The CC1150 is a "transmitter-only" version of the popular CC1101 transceiver. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Frequency Bands** | 300–348 MHz, 400–464 MHz, and 800–928 MHz | | **Data Rate** | 0.6 to 600 kbps | | **Modulation Formats** | 2-FSK, GFSK, MSK, OOK, and ASK | | **Operating Voltage** | 1.8V to 3.6V DC | | **Output Power** | Up to +12 dBm (programmable) | | **Current Consumption** | 15 mA (at -6 dBm output), < 200 nA (Sleep mode) | --- ## 2. Key Internal Components The architecture of the CC1150 consists of several critical functional blocks: ### A. Frequency Synthesizer * **Purpose:** Generates the carrier wave for data transmission. * **Details:** It features a fractional-N synthesizer with high frequency resolution, allowing for precise channel selection. ### B. Power Amplifier (PA) * **Purpose:** Boosts the signal before it reaches the antenna. * **Details:** The PA is highly programmable via the SPI interface, allowing developers to balance range versus power consumption. ### C. Packet Handling Engine * **Purpose:** Offloads data processing from the host microcontroller (MCU). * **Details:** It supports hardware-based preamble generation, sync word insertion, and CRC (Cyclic Redundancy Check) calculation. ### D. SPI Interface * **Purpose:** Communication between the CC1150 and the external MCU. * **Details:** Used to configure registers, command the state machine (Idle, TX, Power Down), and load the 64-byte TX FIFO buffer. --- ## 3. Typical Application Circuit When designing with the CC1150, several external components are required for the RF front-end: * **Crystal Oscillator:** Usually a 26 MHz crystal for frequency stability. * **Balun & Matching Network:** A series of inductors and capacitors (L/C) to match the 50-ohm impedance of the antenna and filter out harmonics. * **Decoupling Capacitors:** Essential for noise reduction on the VCC lines. --- ## 4. Use Cases The CC1150 is widely used in applications where low power and low cost are prioritized over bidirectional communication: 1. **Remote Keyless Entry (RKE):** Car fobs and garage door openers. 2. **Wireless Alarm Systems:** Motion sensors or door/window contacts. 3. **Smart Metering:** Periodic data transmission from utility meters. 4. **Home Automation:** Simple remote controls for lighting or fans.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the CC1150 and the CC1101?
    • ⤷ How do I calculate the matching network components for the 868 MHz band?
    • ⤷ What is the maximum range achievable with the CC1150 in an open field?