AI

The **CC1110-RTY1** is a sub-1 GHz system-on-chip (SoC) designed by Texas Instruments. It combines a high-performance radio transceiver with an industry-standard enhanced 8051 microcontroller unit (MCU).
---
## 1. Key Internal Components
The CC1110-RTY1 integrates several electronic subsystems into a single 6x6 mm QFN36 package:
### A. Radio Transceiver (Sub-1 GHz)
* **Frequency Range:** 300-348 MHz, 391-464 MHz, and 782-928 MHz.
* **Modulation:** Supports 2-FSK, GFSK, MSK, and OOK/ASK.
* **Data Rate:** Programmable from 1.2 to 500 kBaud.
* **Features:** Digital RSSI support, hardware packet handling, and preamble/sync word detection.
### B. Microcontroller Unit (MCU)
* **Core:** Enhanced 8051 CPU core.
* **Memory:**
* **Flash:** 8 KB, 16 KB, or 32 KB (The RTY1 specifically denotes a version with specific memory/packaging).
* **RAM:** 1 KB, 2 KB, or 4 KB SRAM.
* **Performance:** Single-cycle instruction execution for high efficiency.
### C. Peripherals & Connectivity
* **ADC:** 12-bit ADC with up to 8 channels.
* **Timers:** One 16-bit timer, two 8-bit timers, and a real-time clock (RTC).
* **Serial Communication:** Two USARTs (supporting SPI or UART) and an I2S interface.
* **GPIO:** 21 general-purpose I/O pins.
* **AES Engine:** Integrated hardware AES-128 security coprocessor.
---
## 2. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Supply Voltage** | 2.0V to 3.6V |
| **Current Consumption (RX)** | ~19.6 mA at 2.4 kBaud |
| **Current Consumption (TX)** | ~30 mA at +10 dBm |
| **Sleep Mode Current** | 0.3 µA (lowest power state) |
| **Package Type** | QFN-36 (6mm x 6mm) |
| **Operating Temp** | -40°C to +85°C |
---
## 3. External Required Components
To make the CC1110-RTY1 functional in a circuit, the following passive components are typically required:
1. **Crystals:**
* A **26 MHz crystal** is required for the radio clock.
* An optional **32.768 kHz crystal** is used for low-power sleep timing.
2. **RF Matching Circuit:** An inductor-capacitor (LC) balun network is necessary to match the differential RF output pins to a 50Ω antenna.
3. **Decoupling Capacitors:** Small capacitors (typically 100nF and 10pF) placed near the power pins to filter noise.
---
## 4. Typical Applications
* **Low-Power Wireless Systems:** ISM band telemetry.
* **Home Automation:** Lighting, locks, and temperature sensors.
* **Wireless Alarm Systems:** Security sensors and smoke detectors.
* **Industrial Monitoring:** Wireless sensor networks (WSN).
- ⤷
What is the difference between CC1110 and CC1111?
- ⤷ How do I calculate the RF matching network for the CC1110?
- ⤷ Which programming tools are required to flash code onto the CC1110?