AI

The **CC1000-RTR2** is a high-performance, ultra-low-power single-chip RF transceiver designed for wireless applications in the sub-1 GHz band. Manufactured by Texas Instruments (originally Chipcon), it is primarily used in ISM (Industrial, Scientific, and Medical) and SRD (Short Range Device) frequency bands.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the CC1000-RTR2:
| Feature | Specification |
|:---|:---|
| **Frequency Range** | 300 MHz to 1000 MHz |
| **Modulation** | FSK (Frequency Shift Keying) |
| **Supply Voltage** | 2.1V to 3.6V DC |
| **Output Power** | Programmable up to +10 dBm |
| **Sensitivity** | -110 dBm (at 2.4 kBaud) |
| **Data Rate** | Up to 76.8 kBaud |
| **Current Consumption (RX)** | 7.4 mA |
| **Current Consumption (TX)** | 5.3 mA to 26.7 mA (depends on power) |
| **Package** | TSSOP-28 |
---
### 2. Core Functional Blocks
The internal architecture of the CC1000-RTR2 consists of several integrated electronic stages:
1. **RF Front-End:** Includes a Low Noise Amplifier (LNA) for receiving signals and a Power Amplifier (PA) for transmission.
2. **Frequency Synthesizer:** A fully integrated VCO (Voltage Controlled Oscillator) and PLL (Phase Locked Loop) that allow for precise frequency hopping and tuning.
3. **Demodulator:** Converts the incoming FSK radio signals back into digital data bits.
4. **Interface:** Uses a simple **3-wire serial interface** (SPI-like) for configuration of registers (frequency, power, mode) and a separate pins for data I/O.
---
### 3. Application Circuit Components
To implement the CC1000-RTR2 in a circuit, specific external passive components are required:
* **Crystal Oscillator:** Usually a 14.7456 MHz or 11.0592 MHz crystal is required to provide the reference frequency.
* **Inductors and Capacitors (Matching Network):** A LC network is required between the chip and the antenna to ensure impedance matching (usually 50 ohms) and to filter out harmonics.
* **Decoupling Capacitors:** Small capacitors (10nF to 100nF) placed close to the VDD pins to filter power supply noise.
---
### 4. Code Example: Basic Configuration Concept
While the CC1000 is configured via registers, the logical flow for a microcontroller (like an Arduino or MSP430) to initialize it looks like this:
```cpp
// Pseudocode for CC1000 Register Initialization
void setupCC1000() {
writeRegister(MAIN, 0x3E); // Reset the chip
writeRegister(FREQ_2A, 0x58); // Set Frequency (e.g., 433 MHz)
writeRegister(FREQ_1A, 0x00);
writeRegister(FREQ_0A, 0x00);
writeRegister(PA_POW, 0xFF); // Set Output Power to Max
writeRegister(MODEM0, 0x08); // Set Baud rate and Modulation
}
```
---
- ⤷What is the difference between the CC1000 and the newer CC1101 series?
- ⤷ How do I calculate the inductor values for the 433 MHz matching network?
- ⤷ Can the CC1000 be used for OOK (On-Off Keying) modulation?