công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CC-RSPRSJBC002

  • AI
    Based on technical specifications for industrial automation and electronic components, the part number **CC-RSPRSJBC002** typically refers to a specialized **Junction Box** or **Distribution Module** used within control systems (often associated with Honeywell or similar industrial control architectures). Below is a breakdown of the electronic components and characteristics associated with this type of hardware. --- ### 1. General Specifications This part serves as an interface between field devices and the main control system (Remote I/O or Controller). | Attribute | Specification | | :--- | :--- | | **Component Type** | Remote System Passive / Junction Block | | **Circuitry** | Passive (typically no active signal processing) | | **Connection Type** | Screw terminals or proprietary multi-pin connectors | | **Mounting** | DIN Rail or Panel Mount | | **Application** | Signal distribution and cable management | --- ### 2. Internal Electronic Parts While these units are often "passive," they contain specific electronic elements to ensure signal integrity and protection: * **Terminal Blocks:** High-conductivity metal clamps (brass/copper alloy) designed to handle low-voltage DC signals (typically 24V DC). * **Busbars:** Internal copper tracks that distribute power or common ground across multiple ports. * **Protection Circuitry:** * **Zener Diodes:** Often used for basic surge suppression to protect the I/O cards from voltage spikes. * **Resistor Networks:** In some configurations, used for line termination or current limiting. * **LED Indicators:** Surface-mount LEDs (SMD) used to indicate "Power On" status or individual channel activity. * **Printed Circuit Board (PCB):** A multi-layer FR4 board that connects the external field wiring to the high-density system connector. --- ### 3. Connection Architecture The electronic design focuses on converting **Multi-core System Cables** into **Individual Field Wires**. ```mermaid graph LR A[System Controller] -- Multi-pin Cable --- B(CC-RSPRSJBC002) B -- Terminals --- C[Sensor 1] B -- Terminals --- D[Sensor 2] B -- Terminals --- E[Actuator] ``` --- ### 4. Technical Use Case In an industrial environment, the **CC-RSPRSJBC002** is used to: 1. **Reduce Wiring Complexity:** Instead of running 32 individual wires to a controller, one pre-fabricated cable connects the junction box to the rack. 2. **Signal Isolation:** Provides a physical point to disconnect field devices for maintenance without disturbing the main CPU. 3. **Environmental Shielding:** The electronic assembly is usually housed in a robust plastic or metal casing to prevent Electromagnetic Interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the CC-RSPRSJBC002 connector?
    • ⤷ Does this part support redundant power supply inputs?
    • ⤷ Is the CC-RSPRSJBC002 compatible with Honeywell Experion PKS systems?