CA-RSPNME010
AI

The **CA-RSPNME010** is a specialized electronic interface cable typically used in professional audiovisual, broadcasting, or industrial control environments. It is most commonly associated with connecting **Sony Remote Control Units (RCUs)** or Camera Control Units (CCUs) to peripheral devices.
Below is a breakdown of its electronic components and specifications.
---
### 1. Technical Specifications
This cable serves as a bridge for data and power transmission.
| Feature | Description |
| :--- | :--- |
| **Connector A** | 10-pin Circular (typically Hirose or Sony proprietary) |
| **Connector B** | RJ45 or 8-pin specialized data connector |
| **Wire Gauge** | Usually 24 AWG to 28 AWG |
| **Shielding** | Tinned Copper Braid / Foil Shielding (to prevent EMI) |
| **Signal Type** | RS-422 Serial Data / Power Tally |
---
### 2. Key Electronic Components
#### A. Internal Wiring (Conductors)
The cable consists of multiple twisted pairs. These are color-coded to ensure correct pinout mapping. The use of **twisted pairs** is critical for maintaining signal integrity over long distances by cancelling out electromagnetic interference (EMI).
#### B. Shielding and Grounding
To operate in environments with high electronic noise (like TV studios), the CA-RSPNME010 features:
* **AL/Mylar Shielding:** Protects against high-frequency interference.
* **Drain Wire:** Provides a path to ground for any induced current, protecting the sensitive logic boards in the connected cameras.
#### C. Connector Architecture
* **Gold-Plated Pins:** The pins within the connectors are often gold-plated to prevent oxidation and ensure a low-resistance connection for low-voltage data signals.
* **Overmold:** The junction between the cable and the connector is reinforced with a PVC or TPU overmold to act as a strain relief, preventing internal wire breakage.
---
### 3. Functional Pinout Roles
While the exact mapping depends on the specific hardware revision, the electronic signals transmitted generally follow this logic:
1. **TX+ / TX- (Transmit):** Differential data signals sent from the controller.
2. **RX+ / RX- (Receive):** Differential data signals returning from the camera.
3. **VCC (Power):** Provides low-voltage DC power (often 12V) to the remote panel.
4. **GND (Ground):** Common reference point for power and data.
5. **Tally/Control:** Specific pins dedicated to triggering "On-Air" lights or iris control pulses.
---
### 4. Use Case Scenarios
* **Remote Shutter/Iris Control:** Connecting a Sony RCP (Remote Control Panel) to a camera head.
* **Data Conversion:** Adapting standard network-style cabling (RJ45) to legacy 10-pin circular ports found on professional broadcast equipment.
- ⤷What is the maximum cable length supported by the CA-RSPNME010 before signal degradation occurs?
- ⤷ Can this cable be used with non-Sony broadcast equipment?
- ⤷ What are the specific pinout differences between the 10-pin and RJ45 ends?