công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • C9900-R271

  • AI
    The **C9900-R271** is an industrial-grade internal solid-state drive (SSD) manufactured by **Beckhoff Automation**. It is specifically designed for integration into Industrial PCs (IPCs) and Control Panels used in automation technology. --- ### 1. Technical Specifications The C9900-R271 is built to handle the rigors of industrial environments, prioritizing reliability and endurance over raw consumer speeds. | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 240 GB | | **Interface** | SATA III (6 Gb/s) | | **Form Factor** | 2.5-inch | | **Flash Technology** | 3D TLC (Tri-Level Cell) | | **Operation Mode** | Industrial Extended Temperature | | **Compatibility** | Beckhoff C6xxx, CP2xxx, and CP6xxx series | --- ### 2. Key Electronic Features #### A. Industrial Grade NAND Flash Unlike consumer drives, the C9900-R271 uses high-quality NAND flash with advanced controller logic. This ensures a higher **TBW (Total Bytes Written)** rating, which is critical for industrial applications that involve constant data logging or high-frequency OS writes. #### B. Error Correction & Data Integrity * **ECC (Error Correction Code):** Monitors data parity to prevent bit rot and data corruption caused by electromagnetic interference (EMI). * **Wear Leveling:** Distributes write/erase cycles evenly across the flash blocks to prevent premature failure of specific sectors. #### C. Power Loss Protection (PLP) Industrial SSDs like this often feature internal capacitors or firmware-based journaling to ensure that data "in flight" is written to the disk safely during an unexpected power outage—a common occurrence in factory environments. --- ### 3. Application Use Cases The C9900-R271 is primarily used as the primary boot drive for Beckhoff hardware running: 1. **TwinCAT Runtime:** Requires stable disk access for real-time control logic. 2. **HMI Visualization:** Storing graphical assets for operator interfaces. 3. **Local Data Buffering:** Temporarily storing sensor data before uploading it to a MES or Cloud system. --- ### 4. Comparison: Industrial vs. Consumer SSDs | Feature | C9900-R271 (Industrial) | Standard Consumer SSD | | :--- | :--- | :--- | | **Vibration Resistance** | High (5g / 30g shock) | Low | | **Temperature Range** | 0°C to +70°C (Standard) | Narrower range | | **MTBF** | > 2,000,000 hours | ~1,000,000 hours | | **Lifecycle** | Long-term availability | Frequent model changes |
    ✨ Follow-up Questions
    • What is the TBW (Total Bytes Written) rating for the C9900-R271?
    • Which Beckhoff Industrial PC models are most compatible with this drive?
    • Does this SSD support SMART monitoring for predictive maintenance?