C9900-R259
AI

The **C9900-R259** is a specialized electronic component primarily associated with Beckhoff industrial computing systems. Specifically, it is a **plug-in module for PCIe (PCI Express) slot extensions** or riser cards used in industrial PCs (IPCs) like the C69xx series.
---
## Technical Specifications & Electronic Components
The C9900-R259 functions as a bridge or interface extender. Below is a breakdown of its electronic characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | PCIe Riser / Interface Extension Module |
| **Interface** | PCI Express (PCIe) |
| **Compatibility** | Designed for Beckhoff C69xx Industrial PCs |
| **Connectivity** | Typically provides a x1 or x4 slot interface depending on the motherboard |
| **Form Factor** | Proprietary low-profile industrial design |
### Key Electronic Functions
1. **Signal Routing:** The PCB (Printed Circuit Board) is multi-layered to maintain signal integrity for high-speed PCIe data lanes between the motherboard and the peripheral card.
2. **Power Distribution:** It includes trace designs capable of delivering standard PCIe power rails (+3.3V, +12V) to the connected expansion card.
3. **EMI Shielding:** As an industrial-grade part, the traces and grounding points are designed to minimize Electromagnetic Interference (EMI) in harsh factory environments.
---
## Usage in Industrial Systems
In a standard Beckhoff IPC configuration, the C9900-R259 serves the following purposes:
* **Space Optimization:** Allows for the installation of full-sized or half-sized PCIe cards in compact industrial housings where a direct vertical plug-in is impossible.
* **Expansion:** Commonly used to add fieldbus cards (like EtherCAT, PROFINET, or PROFIBUS cards) or additional Ethernet ports to a compact controller.
* **Durability:** Unlike consumer riser cables, this is a rigid PCB module designed to withstand high vibrations and thermal fluctuations common in control cabinets.
---
## Installation Summary
When dealing with the electronics of the C9900-R259, ensure the following:
* **Voltage:** Ensure the IPC is powered down before insertion to prevent short-circuiting the PCIe lanes.
* **Seating:** The module must be firmly seated in the proprietary slot on the Beckhoff motherboard to ensure all pins make contact.
- ⤷
Which Beckhoff Industrial PC models are compatible with the C9900-R259?
- ⤷ What is the maximum data transfer rate supported by this PCIe riser?
- ⤷ Does this module require specific driver software for the OS to recognize it?