C5SMF-RJS-CT0W0BB1
AI

The **C5SMF-RJS-CT0W0BB1** is a specific part number for a high-brightness, through-hole LED manufactured by **Cree LED** (formerly Wolfspeed/Cree). It belongs to the Screen Master® series, designed primarily for outdoor signage and video displays.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics regarding color, intensity, and physical packaging.
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Wavelength** | 621 nm (Typical) |
| **Luminous Intensity** | 1100 - 3000 mcd |
| **Lens Type** | Red Diffused / Tinted |
| **Package Shape** | 5mm Round (Standard T-1 3/4) |
| **Viewing Angle** | 70° (Horizontal) / 35° (Vertical) |
| **Forward Current** | 50 mA (Maximum) |
| **Forward Voltage** | 2.1 V (Typical) |
---
### 2. Breakdown of the Part Number
Cree uses a complex nomenclature to define the binning and packaging of their LEDs:
* **C5SMF**: Series code for 5mm Oval LEDs (Optimized for outdoor signs).
* **RJS**: Red color code with specific viewing angles.
* **CT0W0BB1**: This suffix represents the specific **Binning** (the sorted range of brightness and color):
* **CT0W0**: Intensity range code (Minimum to Maximum brightness).
* **BB1**: Packaging type (usually indicating bulk or specific tape-and-reel orientation).
---
### 3. Key Electronic Characteristics
When designing a circuit for this component, consider the following electronic behaviors:
#### A. Power Dissipation
The LED is designed for efficiency. At a standard operating current of **20mA**, the power consumption is approximately **42mW**. However, it can handle up to 50mA if thermal management is sufficient.
#### B. Radiation Pattern
Unlike standard round LEDs that have a symmetrical 360° beam, the **C5SMF** series features an **Oval** spatial radiation pattern.
* **Horizontal spread:** Wide (70°) to ensure visibility from the sides.
* **Vertical spread:** Narrow (35°) to concentrate light toward the viewers and reduce light pollution into the sky.
#### C. Environmental Durability
These parts are built with optical-grade epoxy that includes **UV inhibitors**. This prevents the plastic from yellowing or becoming brittle when exposed to direct sunlight for long periods.
---
### 4. Implementation Example
To drive this LED from a 5V DC source at the recommended 20mA current, you would use a current-limiting resistor.
```cpp
// Formula: R = (V_source - V_forward) / I_forward
// R = (5V - 2.1V) / 0.020A
// R = 145 Ohms (Use a 150 Ohm standard resistor)
```
- ⤷What is the difference between an oval LED and a round LED in outdoor displays?
- ⤷ Can this LED be dimmed using Pulse Width Modulation (PWM)?
- ⤷ How does temperature affect the lifespan of the C5SMF series?