C5SME-RJS-CS0U0BB2
AI

The **C5SME-RJS-CS0U0BB2** is a high-brightness, through-hole LED manufactured by **Cree LED** (formerly Wolfspeed/Cree). It belongs to the Screen Master® series, specifically designed for outdoor video screens, digital signage, and traffic signals.
---
### 1. General Specifications
This part is a **Red (628nm)** LED housed in a 5mm oval package. It is engineered to provide excellent light distribution and high durability in outdoor environments.
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Dominant Wavelength** | 624nm - 634nm |
| **Luminous Intensity** | 770 mcd - 2130 mcd |
| **Package Shape** | 5mm Oval |
| **Viewing Angle** | 110° (Horizontal) / 50° (Vertical) |
| **Lens Appearance** | Tinted & Diffused |
| **Mounting Type** | Through-hole |
---
### 2. Key Electrical Characteristics
Below are the typical operating parameters for this component:
| Characteristic | Typical Value | Maximum Rating |
| :--- | :--- | :--- |
| **Forward Current ($I_F$)** | 20 mA | 50 mA |
| **Forward Voltage ($V_F$)** | 2.0 V | 2.6 V |
| **Reverse Voltage ($V_R$)** | - | 5 V |
| **Power Dissipation** | - | 130 mW |
| **Operating Temp** | -40°C to +100°C | - |
---
### 3. Application & Design Use-Cases
* **Outdoor Signs:** Used in variable-message signs (VMS) on highways.
* **Video Walls:** Ideal for full-color outdoor displays due to its specific viewing angle which minimizes "hot spots."
* **Reliability:** The epoxy used is UV-resistant, preventing the lens from yellowing or becoming brittle when exposed to direct sunlight.
---
### 4. Part Number Breakdown
The suffix **CS0U0BB2** defines the specific binning for this production run:
* **CS0:** Part of the intensity and color bin grouping.
* **U0:** Minimum Luminous Intensity (approx. 770 mcd).
* **BB2:** Specific wavelength/color range and packaging (likely Ammo Pack or Bulk).
---
- ⤷
What are the recommended resistor values for using this LED with a 5V and 12V power supply?
- ⤷ How does the 'Oval' shape affect the light dispersion compared to a standard round LED?
- ⤷ Are there green or blue equivalents in the C5SME series for building an RGB pixel?