C520-3-R
AI

The **C520-3-R** is a high-performance, leaded (through-hole) power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the C520 series, which is specifically designed for high-current applications where small size and low power loss are critical.
---
### ## Technical Specifications
Below is a breakdown of the primary electrical and physical characteristics of the C520-3-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 3.0 µH |
| **Current Rating (rms)** | 5.0 Amperes |
| **Peak Current (Isat)** | 8.0 Amperes |
| **DC Resistance (DCR)** | 0.015 Ohms (Max) |
| **Mounting Type** | Through-Hole (Axial Leaded) |
| **Operating Temp** | -40°C to +125°C |
| **Material** | Ferrite Core |
---
### ### Core Features
* **High Efficiency:** The ferrite core construction ensures low core losses, making it ideal for high-frequency power conversion.
* **RoHS Compliant:** The "-R" suffix indicates that the part is fully compliant with RoHS (Restriction of Hazardous Substances) standards.
* **Compact Form Factor:** The axial leaded design allows for vertical or horizontal mounting on PCBs where surface mount space might be limited or where mechanical stability is needed.
* **Stable Performance:** Designed to maintain inductance stability across a wide range of operating temperatures.
---
### ### Typical Applications
The C520-3-R is commonly found in circuits requiring energy storage or EMI filtering, such as:
1. **Buck/Boost Converters:** Used as the primary energy storage element in DC-DC power supplies.
2. **Output Filters:** Smoothing out current ripples in switching power supplies.
3. **EMI Suppression:** Filtering high-frequency noise in consumer electronics and industrial controls.
4. **Voltage Regulators:** Providing stable current for microprocessors and peripheral components.
---
### ### Identification & Part Numbering
The Eaton C520 series follows a specific naming convention:
* **C520:** Series designation (Power Inductor).
* **3:** Inductance value (in this case, 3.0 microhenries).
* **-R:** RoHS compliance indicator.
- ⤷
What are the differences between the C520 series and SMD power inductors?
- ⤷ How does the 'Peak Current (Isat)' affect the performance of this inductor in a circuit?
- ⤷ Are there alternative inductors with similar footprints but higher inductance values?