C520-100-R
AI

The **C520-100-R** is a high-performance, fast-acting subminiature axial leaded fuse manufactured by **Eaton (formerly Bussmann)**. It is specifically designed for primary circuit protection in electronic devices where space is limited and high interrupting ratings are required.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the C520-100-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 100 mA (0.1A) |
| **Voltage Rating (AC)** | 250 V |
| **Fuse Type** | Fast-Acting (F) |
| **Body Material** | Glass |
| **Mounting Type** | Through-hole (Axial Leaded) |
| **Interrupting Rating** | 35A @ 250Vac / 10,000A @ 125Vac |
| **Resistance (Cold)** | 8.40 Ohms (Typical) |
| **Dimensions** | 5mm x 14.48mm (0.2" x 0.57") |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### ### Key Features
1. **Fast-Acting Response:** Designed to open quickly under overload or short-circuit conditions, protecting sensitive components like integrated circuits (ICs) and semiconductors.
2. **Axial Leaded Design:** The wire leads are attached to the end caps, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB) without the need for a fuse holder.
3. **Glass Body Construction:** The transparent glass tube allows for easy visual inspection to determine if the fuse has blown.
4. **High Voltage Rating:** Despite its small size, it is rated for up to 250V AC, making it suitable for mains-connected power supplies.
---
### ### Applications
The C520 series is commonly found in the following electronic sectors:
* **Power Supplies:** Protecting the input stage of AC/DC converters.
* **Consumer Electronics:** Used in chargers, televisions, and small appliances.
* **Industrial Equipment:** Protecting control circuits and low-current instrumentation.
* **LED Lighting:** Safety protection for driver circuits.
---
### ### Understanding the Part Number
`C520` - `100` - `R`
* **C520:** The series designation (5 x 14.48mm glass body).
* **100:** The current rating in milliamps (100mA).
* **R:** Indicates RoHS compliance (Lead-free).
- ⤷
What is the difference between a fast-acting fuse like the C520 and a time-delay fuse?
- ⤷ Are there surface-mount (SMD) alternatives to the C520 series?
- ⤷ How do I calculate the proper derating for this fuse in high-temperature environments?