C519-3.5-R
AI

The **C519-3.5-R** is a specific model of a subminiature glass tube fuse manufactured by **Eaton (formerly Bussmann)**. It is part of the C519 series, which is widely used in consumer electronics and industrial equipment for overcurrent protection.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the C519-3.5-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 3.5 Amps |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Type** | Glass Tube |
| **Speed/Characteristic** | Time-Delay (Slo-Blo) |
| **Interrupting Rating** | 100A at 250Vac / 10,000A at 125Vac |
| **Dimensions** | 5mm x 15mm (2AG size equivalent) |
| **Termination Style** | Cartridge (Ferrule) |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
### ## Component Breakdown
### 1. Time-Delay Mechanism
The "Time-Delay" (or Slow-Blow) characteristic means this fuse is designed to withstand temporary surges in current, such as those caused by a motor starting or a capacitor charging. It will not blow instantly unless the overcurrent is significantly higher than the 3.5A rating or persists for a specific duration.
### 2. Physical Construction
* **Body:** Transparent glass, allowing for easy visual inspection to see if the internal filament has melted.
* **Caps:** Nickel-plated brass end caps for high conductivity and corrosion resistance.
* **Size:** At 5mm x 15mm, it is smaller than the standard 5mm x 20mm fuses, making it ideal for compact PCB layouts.
### 3. Part Number Suffixes
* **C519:** The series designation (5x15mm Time-delay).
* **3.5:** The rated current (3.5 Amperes).
* **-R:** Indicates RoHS compliance (lead-free and environmentally friendly materials).
---
### ## Typical Applications
* **Power Supplies:** Protecting input stages from surges.
* **LED Lighting:** Used in drivers where initial inrush current is high.
* **Consumer Electronics:** Chargers, monitors, and small appliances.
* **Industrial Controls:** Protecting low-voltage control circuits.
---
- ⤷
What is the difference between this 5x15mm fuse and a standard 5x20mm fuse in terms of mounting?
- ⤷ How does the 'Time-Delay' curve of this fuse compare to a 'Fast-Acting' fuse?
- ⤷ Can this fuse be used in DC circuits
- ⤷ and are there voltage derating concerns?