C515-7-R
AI

The **C515-7-R** is a specific electronic component belonging to the **Power Inductor** family, manufactured by **Eaton (formerly Bussmann)**. It is a surface-mount (SMD) device designed for high-frequency power conversion applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the C515-7-R:
| Parameter | Value/Detail |
| :--- | :--- |
| **Inductance** | 7.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.026 Ohms (Max) |
| **Saturation Current ($I_{sat}$)** | ~5.5 Amperes |
| **RMS Current ($I_{rms}$)** | ~4.1 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 12.5mm x 12.5mm x 6.0mm (Approx) |
---
### 2. Functional Characteristics
The "C515" series is known for several specific engineering advantages:
* **Shielded Construction:** The part features a ferrite core construction that provides magnetic shielding. This is critical for minimizing **Electromagnetic Interference (EMI)** in sensitive circuits.
* **High Power Density:** Despite its relatively small footprint, it can handle significant current, making it ideal for compact power supplies.
* **Low DCR:** The low direct current resistance ensures minimal energy loss as heat, improving the overall efficiency of the power stage.
---
### 3. Common Applications
The C515-7-R is typically used as a filter or energy storage element in the following scenarios:
1. **DC-DC Converters:** Used in buck (step-down) or boost (step-up) regulators to smooth output voltage.
2. **Voltage Regulator Modules (VRM):** Found in server and workstation motherboards to provide stable power to CPUs.
3. **Industrial Electronics:** Utilized in PLC power supplies and motor control circuits due to its robustness.
4. **LED Drivers:** Used to maintain constant current flow in high-power lighting applications.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **C515:** The series designation (refers to the physical dimensions and core material).
* **7:** Indicates the nominal inductance value (7.0 µH).
* **-R:** Signifies compliance with **RoHS** (Restriction of Hazardous Substances) standards (Lead-free).
- ⤷What are the recommended footprint dimensions for soldering a C515-7-R?
- ⤷ How does the saturation current of this inductor change with temperature?
- ⤷ What are some equivalent alternative parts for the C515-7-R from other manufacturers?