C515-3-R
AI

The **C515-3-R** is a high-performance, time-delay (slow-blow) subminiature fuse belonging to the **C515 series** manufactured by Eaton (formerly Bussmann). It is specifically designed for primary circuit protection in compact electronic devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the C515-3-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Current Rating** | 3 Amperes (3A) |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Type** | Time-Delay / Slow-Blow (T) |
| **Form Factor** | 5mm x 15mm (Subminiature) |
| **Termination Style** | Axial Leaded (Through-hole) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
### 2. Functional Characteristics
The C515-3-R is engineered with specific behaviors to protect electronic circuits effectively:
* **Time-Delay (Slow-Blow):** Unlike "fast-acting" fuses, this part is designed to withstand temporary current surges (inrush current) that occur when a device is first turned on. It will only blow if the overcurrent persists.
* **Axial Leads:** The "pigtail" leads are soldered directly into a Printed Circuit Board (PCB), eliminating the need for a separate fuse clip or holder, which saves space and reduces costs.
* **Interrupting Rating:** It typically features an interrupting rating of 100A at 250VAC, meaning it can safely break a fault current of up to 100 Amps without the glass tube shattering.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
1. **C515:** The series name (5mm x 15mm glass body).
2. **3:** The amperage rating (3 Amps).
3. **-R:** RoHS compliance (Lead-free and environmentally friendly).
---
### 4. Common Applications
Due to its small size and surge-tolerant nature, the C515-3-R is commonly found in:
* **Power Supplies:** Protecting the input stage of AC/DC adapters.
* **Consumer Electronics:** Televisions, chargers, and audio equipment.
* **Industrial Control:** Small motor circuits and PLC protection where space is limited.
* **LED Lighting:** Drivers that experience high initial capacitive inrush.
- ⤷
What is the difference between the C515-3-R and a fast-acting fuse of the same rating?
- ⤷ Can this fuse be used in DC applications
- ⤷ and what are the limitations?
- ⤷ Are there surface-mount (SMD) alternatives to the C515 series?