C4SMR-RJY
AI

The **C4SMR-RJY** is a high-performance, through-hole LED manufactured by **Cree LED (Wolfspeed)**. It belongs to the Screen Master® series, specifically designed for outdoor signage and electronic displays.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Dominant Wavelength** | 621 nm (Typical) |
| **Luminous Intensity** | 1100 - 3000 mcd |
| **Lens Type** | Oval / Diffused / Tinted |
| **Viewing Angle** | 70° (Horizontal) / 35° (Vertical) |
| **Forward Current** | 50 mA (Maximum) |
| **Forward Voltage** | 2.1V (Typical) |
| **Mounting Type** | Through-Hole (Radial) |
---
### 2. Physical and Electronic Characteristics
#### A. Oval Shape Design
The LED features an oval-shaped lens. This is a deliberate electronic design choice to create a wide horizontal viewing angle (70°) and a narrow vertical angle (35°). This ensures the light is directed toward the audience (pedestrians/drivers) rather than wasting light pointing at the sky or the ground.
#### B. Material Composition
* **Substrate:** Uses AllnGaP (Aluminium Indium Gallium Phosphide) technology.
* **Encapsulation:** The epoxy contains UV inhibitors, which prevents the plastic from yellowing or becoming brittle when exposed to direct sunlight over long periods.
#### C. Electrical Efficiency
The C4SMR-RJY is optimized for low power consumption while maintaining high brightness. With a typical forward voltage of only **2.1V**, it is easily integrated into standard 3.3V or 5V logic circuits using a simple current-limiting resistor.
---
### 3. Primary Applications
Due to its robust construction and specific light pattern, it is commonly found in:
1. **Full-Color Outdoor Signs:** Large-scale LED billboards.
2. **Variable Message Signs (VMS):** Highway and traffic management boards.
3. **Petrol Station Price Signs:** Digital number displays for fuel costs.
4. **Amusement Park Displays:** Decorative lighting requiring high visibility.
---
### 4. Schematic Considerations
When designing a PCB for the C4SMR-RJY, observe the following:
* **Polarity:** The longer lead is typically the Anode (+), and the shorter lead/flat side of the housing is the Cathode (-).
* **Heat Dissipation:** While it is a low-power component, dense clusters of these LEDs in a sign require adequate ventilation to prevent thermal runaway.
- ⤷
What is the recommended resistor value for a 5V circuit using this LED?
- ⤷ How does the 'RJY' suffix differ from other models in the C4SMR series?
- ⤷ What are the soldering temperature limits for through-hole LEDs like this?