C4SME-RJS-CS0U0BB2
AI

The **C4SME-RJS-CS0U0BB2** is a high-brightness, through-hole LED manufactured by **Cree LED** (formerly Wolfspeed/Cree). It is specifically designed for outdoor applications such as video screens, billboards, and variable-message signs.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and optical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Dominant Wavelength** | 621 nm - 627 nm |
| **Luminous Intensity** | 770 mcd - 2130 mcd |
| **Viewing Angle** | 115° (Horizontal) / 55° (Vertical) |
| **Forward Current ($I_F$)** | 50 mA (Maximum) |
| **Forward Voltage ($V_F$)** | 2.1 V (Typical) |
| **Lens Type** | Tinted, Diffused, Oval shape |
| **Mounting Type** | Through-Hole (Radial) |
---
### 2. Functional Features
* **Oval Shape:** The LED features an oval lens geometry. This is engineered to provide a wide horizontal viewing angle (115°) and a narrower vertical angle (55°), which is ideal for outdoor signs where the audience is usually spread out horizontally but positioned at a similar height relative to the screen.
* **High Brightness:** Utilizing AllnGaP (Aluminum Indium Gallium Phosphide) material technology, it provides high light output with low power consumption.
* **UV Resistance:** The epoxy resin used in the lens contains UV inhibitors to prevent yellowing or degradation when exposed to direct sunlight for long periods.
* **Standoff Options:** This specific part number includes "leads with standoffs" to ensure consistent height and airflow during PCB assembly.
---
### 3. Application Use Cases
The C4SME series is primarily found in:
1. **Electronic Signs (ESS):** Full-color outdoor video displays.
2. **Commercial Billboards:** Large-scale digital advertising.
3. **Passenger Information:** Destination signs on buses or trains.
4. **Traffic Signals:** Highway message boards and crossing signals.
---
### 4. Part Number Breakdown
To understand the specific binning of this part, the suffix `CS0U0BB2` indicates:
* **C4SME:** Series name (Oval 4mm LED).
* **RJS:** Color code (Red).
* **CS0U0:** Intensity bin (specifying the minimum and maximum brightness range).
* **BB2:** Color bin (specifying the exact nanometer range for the red hue).
- ⤷
What are the recommended soldering temperature profiles for through-hole LEDs like the C4SME?
- ⤷ How does the viewing angle of an oval LED compare to a standard round LED?
- ⤷ What are the alternative colors available in the Cree C4SME series?