công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • C20-R04

  • AI
    The term **C20-R04** typically refers to a standard classification for electronic components, most commonly associated with **Surface Mount Technology (SMT)** resistors or capacitors. It identifies the physical package size and certain electrical characteristics. --- ### 1. Understanding the Nomenclature The designation is usually broken down into the package size (C20) and the resistance/tolerance code (R04). | Component Part | Type | Meaning | | :--- | :--- | :--- | | **C20** | Case Size | Refers to the **2012 (Metric)** or **0805 (Imperial)** package size. | | **R04** | Value/Rating | Often represents a resistance value (0.04 $\Omega$) or a specific revision code. | ### 2. Physical Specifications (Case Size 2012 / 0805) If the component is an SMD (Surface Mount Device), the "20" indicates the dimensions in millimeters (2.0mm x 1.25mm). | Dimension | Metric (mm) | Imperial (inches) | | :--- | :--- | :--- | | **Length** | 2.00 ± 0.10 | 0.08 | | **Width** | 1.25 ± 0.10 | 0.05 | | **Height** | 0.50 - 1.20 | 0.02 - 0.04 | ### 3. Electrical Characteristics In the context of **R04**, this often signifies a "Current Sense Resistor" with a very low resistance value. * **Resistance Value:** $0.04 \Omega$ (or 40 m$\Omega$). * **Common Use:** Power management, battery monitoring, and over-current protection. * **Power Rating:** Typically ranges from **1/8W (0.125W)** to **1/4W (0.25W)** depending on the specific manufacturer series. ### 4. Typical Applications Components with these specifications are found in: 1. **Motherboards:** For monitoring CPU/GPU power consumption. 2. **Battery Management Systems (BMS):** Measuring charge and discharge currents. 3. **LED Drivers:** Controlling the constant current flow to LEDs. --- ### Example Code: Calculating Voltage Drop If using a C20-R04 ($0.04 \Omega$) for current sensing, you can calculate the voltage drop across it using Ohm's Law: ```python # Ohm's Law: V = I * R resistance = 0.04 # 40 mOhms current = 2.0 # 2 Amperes voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop}V") # Output: 0.08V (80mV) ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for a specific manufacturer datasheet for this part?
    • ⤷ Is this component being used as a current sense resistor or a standard capacitor?
    • ⤷ Do you need the footprint dimensions for PCB layout software?