công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • C10-R27M-

  • AI
    Based on the part number **C10-R27M**, this component is a **Surface Mount Device (SMD) Power Inductor**. These are commonly used in DC-DC converters and power management circuits. --- ### 1. Part Number Breakdown The nomenclature typically follows industry standards for high-current power inductors. | Segment | Meaning | Detail | | :--- | :--- | :--- | | **C10** | Series/Size | Usually refers to the physical footprint (approx. 10mm x 10mm). | | **R27** | Inductance Value | **0.27 µH** (Microhenries). The 'R' acts as a decimal point. | | **M** | Tolerance | **±20%**. This is the standard tolerance for power inductors. | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Sumida, Eaton, or Vishay), a 0.27µH inductor in a 10mm package generally features the following characteristics: * **Low Inductance:** 0.27 µH is a very low value, designed for high-frequency switching. * **High Current Rating:** Because the inductance is low and the package size is relatively large (10mm), these parts can often handle **20A to 40A** of saturation current. * **Low DCR:** The Direct Current Resistance is typically very low (often < 2mΩ) to minimize power loss. * **Construction:** Usually a shielded ferrite core or a molded iron powder core to reduce electromagnetic interference (EMI). --- ### 3. Common Applications These components are critical in modern electronics for smoothing current and storing energy. * **GPU/CPU Power Stages:** Used in multi-phase VRMs (Voltage Regulator Modules) for high-end processors. * **DC-DC Converters:** Point-of-Load (POL) converters in servers and networking gear. * **Automotive Electronics:** Infotainment systems and LED lighting drivers. * **Battery Powered Tools:** High-current motor control circuits. --- ### 4. Identification Table | Property | Value | | :--- | :--- | | **Type** | Fixed Inductor / Power Choke | | **Inductance** | 270 nH (0.27 µH) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Composite/Molded Metal Powder |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 10mm series footprint?
    • ⤷ How does the 'M' tolerance impact the performance of a DC-DC converter?
    • ⤷ Which manufacturers produce equivalents to the C10-R27M inductor?