công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BW1F-R10FB

  • AI
    The **BW1F-R10FB** is a high-precision, industrial-grade **Power Wirewound Resistor** manufactured by RCD Components. These components are specifically designed to handle high power loads while maintaining stability and precision in sensing applications. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.10 $\Omega$ (R10) | Low resistance for current sensing. | | **Tolerance** | ±1% (F) | High precision for measurement accuracy. | | **Package Style** | BW1F | Vertical or specific lead-form power wirewound. | | **Construction** | Wirewound | High-grade alloy wire wound on a ceramic core. | | **Coating** | Flameproof | Silicone or cement-based protective coating. | --- ### 2. Key Features and Construction The BW series is known for its "Fail-Safe" or "Fusible" characteristics (often denoted by the 'F' in the series prefix), making it a critical safety component in power circuits. * **Low Inductance:** Despite being wirewound, these are often designed to minimize inductance for use in high-frequency switching. * **Thermal Stability:** Excellent Temperature Coefficient of Resistance (TCR), ensuring the resistance doesn't drift significantly as the part heats up. * **Durability:** The ceramic core provides excellent heat dissipation and structural integrity under high vibration. * **Flameproof:** The outer coating is designed not to ignite even under extreme overload conditions. --- ### 3. Common Applications Due to its 0.1 $\Omega$ resistance and 1% tolerance, this part is typically used in the following scenarios: 1. **Current Sensing:** Placed in series with a load to measure current by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Shunt Applications:** Diverting current in power supplies. 3. **Surge Protection:** Acting as a sacrificial element to protect sensitive downstream components during a power spike. 4. **Feedback Loops:** Used in DC-DC converters and motor controllers for precise current feedback. --- ### 4. Typical Physical Dimensions (Approximate) *Note: Always refer to the specific RCD datasheet for exact footprints.* ```text Lead Wire <---------------> ___________________ | | | [ RCD BW1F R10F ] | <-- Body Length: ~10mm to 15mm |___________________| | | (Pitch varies by mounting style) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the BW1F series?
    • ⤷ Are there non-inductive versions of this resistor available?
    • ⤷ How does the 'F' suffix in the series name differ from the 'F' in the tolerance?