BVT-M-R0005
AI

The **BVT-M-R0005** is a high-precision, industrial-grade current sensing resistor (shunt) manufactured by **Isabellenhütte**. It is specifically designed for high-current applications where stability and low resistance are critical.
---
## 1. Core Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Resistance Value** | 0.5 mΩ (0.0005 Ω) |
| **Power Rating** | Up to 15W (depends on heatsink/mounting) |
| **Tolerance** | Typically ±1% or ±5% |
| **Temperature Coefficient (TCR)** | < 30 ppm/K |
| **Operating Temperature** | -55°C to +170°C |
| **Material** | MANGANIN® (proprietary alloy) |
---
## 2. Key Electronic Features
### A. MANGANIN® Alloy Technology
The resistive element is made from Manganin, an alloy known for its extremely low temperature coefficient. This ensures that the resistance remains stable even as the part heats up due to high current flow, preventing measurement drift.
### B. Kelvin (4-Terminal) Connection
While the physical part may be a busbar-mount style, its application often utilizes the **Kelvin principle**. By separating the current path from the voltage sensing path, the resistance of the leads and solder joints is eliminated from the measurement, ensuring the 0.5 mΩ accuracy.
### C. Low Inductance
The BVT series is designed with a flat, massive metal structure. This results in very low self-inductance (typically < 3 nH), making it suitable for high-frequency switching environments like motor inverters.
---
## 3. Common Applications
The BVT-M-R0005 is typically found in "Heavy Duty" power electronics:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Electric Vehicles (EVs).
2. **Power Inverters:** Measuring output current to control motor torque.
3. **Industrial Controls:** High-current power supplies and welding equipment.
4. **Smart Grids:** Current sensing for large-scale energy storage.
---
## 4. Mounting and Thermal Management
Because this is a **0.5 mΩ** resistor, even a current of 100A generates $P = I^2R = 100^2 \times 0.0005 = 5W$ of heat.
* **Thermal Coupling:** The part must be securely bolted to a busbar or a PCB with large copper planes to act as a heatsink.
* **Electron Beam Welding:** The construction uses electron-beam welded composite materials (copper-manganin-copper) to ensure the transition between the terminals and the resistive element is seamless and low-loss.
- ⤷
What is the difference between Manganin and standard thick-film resistors for current sensing?
- ⤷ How do I calculate the voltage drop across a BVT-M-R0005 at 200 Amps?
- ⤷ What are the recommended mounting torque specs for BVT series shunt resistors?