công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BVB-I-R003

  • AI
    The **BVB-I-R003** is a specialized precision shunt resistor typically used in high-current sensing applications. It is part of the BVB series manufactured by companies like **Isabellenhütte**. These components are critical in automotive and industrial power electronics for monitoring battery management systems (BMS) and motor controllers. --- ### 1. Key Technical Specifications The model name "R003" indicates its resistance value. Below is a summary of its core electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 3.0 mΩ (0.003 Ohms) | | **Power Rating** | Up to 6W (depending on mounting) | | **Tolerance** | ±1% or ±5% (standard) | | **Temperature Coefficient (TCR)** | < 30 ppm/K | | **Material** | Manganin or similar proprietary alloy | | **Operating Temp Range** | -65°C to +175°C | --- ### 2. Physical Construction The BVB-I-R003 is designed for **Busbar mounting** or heavy-duty PCB integration. * **Materials:** It utilizes a massive resistance alloy (Manganin) electron-beam welded between two copper terminals. * **Low Inductance:** Due to its solid metal construction, it has extremely low self-inductance (< 3 nH), making it suitable for high-frequency switching environments. * **Thermal Stability:** The use of Manganin ensures that the resistance value stays stable even as the component heats up under high current loads. --- ### 3. Functional Applications This part acts as a "Shunt," allowing a circuit to measure current by measuring the voltage drop across the resistor ($V = I \times R$). * **Electric Vehicle (EV) Inverters:** Monitoring the phase current sent to the motor. * **Battery Management Systems (BMS):** Tracking the State of Charge (SoC) by measuring charge/discharge current. * **Industrial Power Supplies:** Overcurrent protection and feedback loops. --- ### 4. Implementation Code Example In a typical system, an ADC (Analog-to-Digital Converter) reads the voltage across the BVB-I-R003. Here is a simple Python logic snippet to calculate current: ```python # Constants for BVB-I-R003 SHUNT_RESISTANCE_OHMS = 0.003 # 3mOhm def calculate_current(measured_voltage_volts): """ Calculates current based on Ohm's Law: I = V / R """ current_amps = measured_voltage_volts / SHUNT_RESISTANCE_OHMS return current_amps # Example: ADC measures 15mV (0.015V) across the shunt voltage_reading = 0.015 print(f"Current: {calculate_current(voltage_reading)} Amps") # Output: 5.0 Amps ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific mounting requirements for the BVB-I-R003 to ensure proper heat dissipation?
    • ⤷ How does the TCR (Temperature Coefficient) impact the accuracy of this shunt in extreme temperatures?
    • ⤷ Are there alternative resistance values available in the BVB series for higher current applications?