công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BU941L-TQ2-R

  • AI
    ## BU941L-TQ2-R: Electronic Component Overview The **BU941L-TQ2-R** is a specialized high-voltage NPN power Darlington transistor. It is primarily designed for automotive ignition systems and high-energy electronic switching applications. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the BU941L: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Emitter Voltage | $V_{CEO(sus)}$ | 350 V | | Collector-Emitter Voltage | $V_{CES}$ | 500 V | | Continuous Collector Current | $I_C$ | 15 A | | Peak Collector Current | $I_{CM}$ | 30 A | | Collector Power Dissipation | $P_D$ | 125 W (at $T_C = 25^\circ C$) | | DC Current Gain | $h_{FE}$ | 300 (min) @ $I_C=10A$ | | Package Type | TO-263 | TQ2 (Surface Mount) | --- ### 2. Functional Description As a **Darlington Transistor**, the BU941L integrates two transistors into a single package. This configuration provides several functional advantages: * **High Current Gain ($h_{FE}$):** It can switch large currents (up to 15A) with a very small input base current, making it compatible with low-power microcontroller outputs. * **Integrated Protection:** The device typically includes an internal **clamping Zener diode** between the collector and base to protect the transistor from the high-voltage "flyback" spikes generated by ignition coils. * **Integrated Damper Diode:** Most versions include an integrated diode between the emitter and collector to protect against reverse current. --- ### 3. Applications The BU941L-TQ2-R is commonly found in the following environments: * **Automotive Ignition:** Controlling the "spark" by switching the primary winding of an ignition coil. * **High Inductive Load Switching:** Driving motors, solenoids, or relays where high-voltage transients are expected. * **Power Switching:** Used in DC-DC converters where high gain and voltage tolerance are required. --- ### 4. Package & Suffix Meanings * **TQ2:** Refers to the **TO-263** (D2PAK) package, which is a surface-mount equivalent of the through-hole TO-220. It is designed for high power dissipation via a large thermal pad. * **R:** Usually indicates "Tape and Reel" packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard NPN transistor and a Darlington pair like the BU941L?
    • ⤷ What are the thermal management requirements for the TO-263 package at 15A current?
    • ⤷ Can this transistor be directly driven by a 5V Arduino or MCU pin?