BTL-52DRC-R4-Q
AI

The **BTL-52DRC-R4-Q** is a specific electronic component, typically classified as a **High-Brightness LED (Light Emitting Diode)**. Based on standard industry nomenclature (often associated with manufacturers like Broadcom/Avago or specialized optoelectronic suppliers), here is the technical breakdown of its parts and characteristics.
---
### 1. Technical Specifications Table
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | LED | Round Lamp / Through-hole |
| **Color** | Red | Standard High-Efficiency Red |
| **Lens Diameter** | 5mm | Standard T-1 3/4 package |
| **Lens Type** | Red Diffused | Reduces glare and provides wide viewing angle |
| **Luminous Intensity** | ~100 - 500 mcd | Varies based on drive current |
| **Forward Voltage ($V_f$)** | 1.8V - 2.4V | Typical for AlGaInP or GaAsP red LEDs |
| **Viewing Angle** | 30° - 60° | Wide distribution due to the diffused lens |
---
### 2. Breakdown of the Part Number
While naming conventions vary slightly by manufacturer, the code generally follows this structure:
* **BTL:** Series prefix (usually denoting a standard through-hole LED family).
* **5:** Indicates the physical size (5mm).
* **2:** Often indicates the shape or lead frame type (Round).
* **DRC:** **D**iffused **R**ed **C**olor.
* **R4:** Performance binning code (specific brightness or wavelength range).
* **Q:** Quality grade or packaging indicator (often Tape & Reel or specific QC standard).
---
### 3. Key Electronic Characteristics
#### A. The Semiconductor Die
The core of the part is a semiconductor chip made of materials like **Gallium Arsenide Phosphide (GaAsP)** or **Aluminium Gallium Indium Phosphide (AlGaInP)**. When current flows from the Anode (+) to the Cathode (-), electrons recombine with holes, releasing energy in the form of red light.
#### B. The Lead Frame
The component features two metallic leads:
1. **Anode (Longer Lead):** The positive terminal.
2. **Cathode (Shorter Lead/Flat Side):** The negative terminal.
#### C. Encapsulation (The Lens)
The **Red Diffused** epoxy resin serves two purposes:
* **Protection:** It shields the delicate wire bond and semiconductor die from oxidation and physical impact.
* **Optical Diffusion:** It scatters the light, making the entire bulb appear to glow evenly rather than showing a single harsh point of light.
---
### 4. Typical Application Circuit
To prevent the LED from burning out, it must be used with a current-limiting resistor.
```cpp
// Basic Calculation for a 5V Source:
// R = (V_source - V_forward) / I_forward
// R = (5V - 2.0V) / 0.020A = 150 Ohms
```
- ⤷
What is the maximum forward current for this LED?
- ⤷ Does this component come in an SMD (Surface Mount) alternative?
- ⤷ What are the common industrial use cases for red diffused 5mm LEDs?