BTL-52DRC-R2-Q
AI

Based on the part number provided, the **BTL-52DRC-R2-Q** is a high-performance **Red LED Lamp**, typically used in industrial indicators, signage, and backlighting. It is designed for high reliability and consistent optical output.
---
## Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Emitted Color** | Red | High-intensity visible red light |
| **Wavelength** | ~620nm - 630nm | Peak emission wavelength |
| **Lens Type** | Water Clear | Transparent lens for maximum light focus |
| **Package Type** | T-1 3/4 (5mm) | Standard through-hole cylinder/dome package |
| **Forward Voltage ($V_F$)** | ~1.8V - 2.4V | Typical operating voltage range |
| **Luminous Intensity** | High mcd rating | Designed for high brightness applications |
| **Viewing Angle** | ~20° - 30° | Narrow beam angle for directional lighting |
---
## Key Components & Construction
### 1. The Semiconductor Die (Chip)
The "Heart" of the BTL-52DRC is an **AlGaInP (Aluminium Gallium Indium Phosphide)** semiconductor. This material is chosen for red LEDs because it offers high efficiency and long-term stability under varying temperatures.
### 2. Lead Frame and Packaging
* **Anode and Cathode:** Standard two-lead configuration for through-hole PCB mounting.
* **Epoxy Resin:** The "52" in the part number often refers to the 5mm diameter housing. The resin is UV-stabilized to prevent yellowing over time.
### 3. Internal Reflector
The die is placed within a reflective cup on the lead frame to ensure that photons are directed upward through the lens, maximizing the **Luminous Intensity (mcd)**.
---
## Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (often *Betlux* or similar optics firms), the code generally breaks down as follows:
* **BTL:** Series prefix (Manufacturer specific).
* **52:** Refers to the **5mm** (T-1 3/4) standard size.
* **DRC:** **D**eep **R**ed / **C**lear lens.
* **R2:** Binning or revision code (specifying a certain range of brightness/voltage).
* **Q:** Quality grade or specific packaging (e.g., bulk vs. taped).
---
## Typical Applications
1. **Status Indicators:** Power-on lights for machinery or consumer electronics.
2. **Outdoor Signage:** Variable message signs due to the high-contrast red light.
3. **Circuit Protection:** Used in series with resistors as a visual fault indicator.
- ⤷
What is the maximum forward current (If) for this specific LED?
- ⤷ Does this model require a specific series resistor for a 5V circuit?
- ⤷ Is there a Surface Mount (SMD) equivalent for the BTL-52DRC?