BTL-52DRC-R2-P
AI

Based on the part number **BTL-52DRC-R2-P**, this component is a **5mm Round Through-Hole LED** typically manufactured by electronic component suppliers like Bright LED Electronics or similar manufacturers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The **BTL-52DRC-R2-P** is an ultra-bright red LED designed for indicator lights, signage, and backlighting.
| Parameter | Description |
| :--- | :--- |
| **LED Type** | Standard 5mm (T-1 3/4) |
| **Emitted Color** | Red (Super Bright / Ultra Red) |
| **Lens Appearance** | Water Clear (Transparent) |
| **Mounting Type** | Through-Hole |
| **Polarity** | Longer Lead is Anode (+), Shorter Lead is Cathode (-) |
---
### 2. Electro-Optical Characteristics
These values are typical for the "DRC" (Deep Red/Super Bright) series under standard operating conditions ($I_F = 20mA$).
| Property | Value (Typical) | Unit |
| :--- | :--- | :--- |
| **Forward Voltage ($V_F$)** | 1.8V - 2.4V | Volts |
| **Forward Current ($I_F$)** | 20mA (Max 30mA) | mA |
| **Luminous Intensity ($I_V$)** | 500 - 1500+ (Varies by bin) | mcd |
| **Peak Wavelength ($\lambda_p$)** | 630nm - 660nm | nm |
| **Viewing Angle** | 20° - 30° (Focused beam) | Degrees |
---
### 3. Absolute Maximum Ratings
Exceeding these values can lead to permanent damage or shortened lifespan of the LED.
* **Reverse Voltage:** 5V
* **Power Dissipation:** 75mW - 100mW
* **Operating Temperature:** -40°C to +85°C
* **Lead Soldering Temperature:** 260°C for 5 seconds
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by brand, the code usually follows this logic:
* **BT:** Manufacturer Prefix (e.g., Bright LED).
* **L-5:** 5mm Diameter.
* **2:** Round Head Shape.
* **DRC:** Deep Red Color (GaAsP/GaP or AlGaInP material).
* **R2:** Specific Brightness/Wavelength Binning or Revision 2.
* **P:** Pb-Free (Lead-Free / RoHS Compliant).
---
### 5. Application Circuit Example
To use this LED with a 5V power supply, a current-limiting resistor is required.
```cpp
// Calculation: R = (V_supply - V_forward) / I_forward
// R = (5V - 2.0V) / 0.02A = 150 Ohms
```
- ⤷
What is the exact luminous intensity (mcd) for the R2 binning?
- ⤷ Can this LED be driven by a PWM signal from an Arduino?
- ⤷ What is the recommended resistor value for a 12V power supply?