công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BO2525LS5I508KN10

  • AI
    The part number **BO2525LS5I508KN10** appears to be a specialized manufacturer code, likely associated with **Thin Film Chip Resistors** or **Power Resistors**, often found in the catalogs of manufacturers like *Vishay* or *Ohmite*. Below is the technical breakdown of the specifications typically represented by this nomenclature. --- ### 1. Technical Specifications Table | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Resistor | Surface Mount (SMD) high-power component. | | **Case Size** | 2525 | Dimensions are approx. 0.25 x 0.25 inches. | | **Resistance Value** | 50.8 KΩ | "508" typically maps to 508 x 10^2 or a specific code. | | **Tolerance** | ±10% | Indicated by the "K" suffix in many resistor systems. | | **Power Rating** | High Power | The 2525 footprint is designed for heat dissipation. | | **Termination** | Solderable / Tin | Standard lead-free terminations. | --- ### 2. Breakdown of the Part Number The alphanumeric string can be decoded into the following functional blocks: * **BO**: Series identifier (often denotes "Bulk" or a specific high-frequency/high-power series). * **2525**: The physical footprint (Length x Width). This is a large SMD size used when high power handling or high voltage isolation is required. * **LS**: Specific material or construction (e.g., Low Self-inductance). * **508**: The Resistance Value. In standard 3-digit coding, the first two digits are significant figures and the third is the multiplier (50 x 10^8 is unlikely; in high-precision parts, this often represents 50.8 ohms or a custom decimal placement). * **K**: Tolerance code (K = ±10%, J = ±5%, F = ±1%). * **N10**: Packaging or Finish code (e.g., Tape & Reel with specific quantities). --- ### 3. Common Applications Due to the large 2525 case size and power characteristics, these parts are commonly used in: 1. **Industrial Power Supplies:** For current sensing or voltage division. 2. **RF Amplifiers:** As terminations where low inductance is critical. 3. **Automotive Electronics:** High-reliability circuits requiring robust thermal performance. 4. **Medical Imaging:** Precision power circuits. ### 4. Typical Material Construction ```json { "substrate": "Alumina (Al2O3) or Aluminum Nitride (AlN)", "resistive_element": "Thin Film or Thick Film", "protective_coating": "Epoxy or Glass Overglaze", "termination": "Nickel barrier with Tin/Lead or Pure Tin finish" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating (Watts) for a 2525 case size resistor?
    • ⤷ Does 'BO' refer to a specific manufacturer like Vishay or Bourns?
    • ⤷ How does the 'LS' prefix affect the frequency response of the component?