công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BO2525LS5C508JN10

  • AI
    The part number **BO2525LS5C508JN10** corresponds to a high-voltage, high-power **MLCC (Multilayer Ceramic Capacitor)**, typically manufactured by specialized component brands like Knowles (Novacap/Syfer) or similar high-reliability manufacturers. Below is the technical breakdown of the component characteristics based on standard industry coding for this specific series. --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MLCC | Multilayer Ceramic Capacitor | | **Case Size** | 2525 | Dimensions of approx. 0.25" x 0.25" (6.35mm x 6.35mm) | | **Dielectric** | C0G / NP0 (5C) | Ultra-stable, low loss, no aging characteristics | | **Capacitance** | 5000 pF (508) | 50 x 10^8 (or formatted as 5.0nF) | | **Tolerance** | ±5% (J) | Standard precision tolerance | | **Voltage Rating** | 1000V (10) | Rated for high-voltage DC applications | | **Termination** | LS | Leaded / Silver-palladium or specialized finish | --- ### 2. Key Features * **Temperature Stability:** The "5C" (C0G/NP0) designation means the capacitance does not change significantly with temperature, frequency, or time. * **High Voltage Handling:** Rated at 1kV (1000V), making it suitable for power electronics and snubbers. * **Physical Robustness:** The 2525 footprint is a large "square" format, providing a higher surface area for heat dissipation and higher voltage breakdown resistance compared to smaller 0805 or 1206 packages. * **Low ESR/ESL:** Designed for high-frequency applications where energy loss must be minimized. --- ### 3. Common Applications This specific part is often found in demanding industrial or medical environments: 1. **Power Supplies:** Used in resonant converters and high-voltage filtering. 2. **RF Equipment:** Ideal for impedance matching in high-power transmitters. 3. **Medical Imaging:** Used in MRI or X-ray power circuitry due to high reliability. 4. **Snubber Circuits:** Protects semiconductors (IGBTs/MOSFETs) from voltage spikes. --- ### 4. Part Number Decoding (Typical) | Segment | Code | Meaning | | :--- | :--- | :--- | | **Size** | 2525 | 0.25 x 0.25 inches | | **Dielectric** | 5C | C0G/NP0 Stable Ceramic | | **Capacitance** | 508 | 50 + 8 zeros (Standard picofarad notation) | | **Tolerance** | J | ±5% | | **Voltage** | 10 | 1000 Volts (Multipliers vary by brand) |
    ✨ Follow-up Questions
    • ⤷ What are the alternative dielectric materials if C0G is unavailable?
    • ⤷ How does the 2525 case size affect the thermal performance of the capacitor?
    • ⤷ Are there specific soldering requirements for large MLCCs like the 2525 series?