công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BNC-R-PC-2

  • AI
    The **BNC-R-PC-2** is a specific type of RF (Radio Frequency) connector. To understand its electronic parts and function, we can break it down by its nomenclature and mechanical construction. --- ## 1. Breakdown of the Name The part number typically follows a standard convention for RF components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **BNC** | Type | Bayonet Neill–Concelman (The locking mechanism style). | | **R** | Receptacle | Indicates this is a female socket (Jack), not a male plug. | | **PC** | PCB Mount | Designed to be soldered directly onto a Printed Circuit Board. | | **2** | Series/Variation | Usually refers to the specific leg configuration or body material (valves vary by manufacturer). | --- ## 2. Internal Electronic & Physical Parts A BNC-R-PC-2 connector is composed of four primary components that ensure signal integrity and grounding: ### A. Center Contact (Pin/Socket) * **Material:** Usually Gold-plated Brass or Phosphor Bronze. * **Function:** This is the signal carrier. In a receptacle, this is a hollow tube that receives the male pin. The gold plating ensures low contact resistance and prevents oxidation. ### B. Dielectric (Insulator) * **Material:** PTFE (Teflon) or Polypropylene. * **Function:** This white plastic-like material surrounds the center contact. It maintains the spacing between the center pin and the outer shell to ensure a consistent **50 Ohm or 75 Ohm impedance**. ### C. Outer Shell / Body * **Material:** Nickel-plated Brass or Zinc Alloy. * **Function:** Acts as the "Ground" or "Shield." The bayonet lugs are part of this body, providing the mechanical locking force and ensuring EMI (Electromagnetic Interference) shielding. ### D. Mounting Legs (PC Tails) * **Function:** The "PC" designation means it has metal legs extending from the bottom. * **Signal Leg:** Connects the center contact to the board trace. * **Ground Legs:** Usually 2 to 4 legs that provide mechanical stability and ground connection to the PCB plane. --- ## 3. Technical Specifications (Typical) Most BNC-R-PC-2 connectors share these electronic characteristics: | Property | Typical Value | | :--- | :--- | | **Impedance** | 50 Ω (Most common) or 75 Ω | | **Frequency Range** | 0 - 4 GHz | | **Voltage Rating** | 500V Peak | | **Contact Resistance** | Center: ≤ 1.5 mΩ / Outer: ≤ 1.0 mΩ | | **Insulation Resistance** | ≥ 5000 MΩ | --- ## 4. Application This part is commonly found on the back of electronic test equipment, such as: * **Oscilloscopes:** For signal input. * **Function Generators:** For wave output. * **CCTV Cameras:** For analog video transmission. * **Radio Transceivers:** For antenna connections.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 50 Ohm and 75 Ohm BNC connector?
    • ⤷ How do I determine the correct PCB footprint for the BNC-R-PC-2?
    • ⤷ What are the advantages of a bayonet mount over a threaded SMA mount?