công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL02RN1-R62T4

  • AI
    ## Overview of BL02RN1-R62T4 The **BL02RN1-R62T4** is a specialized passive electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ferrite Beads** (specifically, leaded EMI suppression filters). These components are designed to suppress high-frequency noise in electronic circuits while allowing DC and low-frequency signals to pass through. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the BL02RN1-R62T4: | Parameter | Specification | | :--- | :--- | | **Component Type** | Ferrite Bead (Leaded) | | **Rated Current** | 7 Amps (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Impedance** | Typically used for high-frequency noise suppression | | **Mounting Type** | Through-Hole | | **Lead Style** | Radial Leaded / Bent Lead (T4 Packaging) | | **Packaging** | Tape & Reel (Ammo Pack) | --- ### Core Functions and Principles 1. **EMI Suppression:** The primary role of this part is to reduce Electromagnetic Interference (EMI). It acts as a low-pass filter, converting high-frequency noise energy into heat within the ferrite material. 2. **High Current Handling:** Unlike small surface-mount (SMD) chips, the BL02 series is designed to handle relatively high currents (up to 7A), making it suitable for power supply lines. 3. **Inductive Reactance:** At low frequencies, the part acts as a low-resistance conductor. As frequency increases, its impedance rises significantly, blocking noise. --- ### Physical Construction The part is constructed by passing a tin-plated copper wire through a **ferrite bead core**. * **The "R62" Suffix:** Usually denotes the specific ferrite material characteristics or the physical dimensions of the bead. * **The "T4" Suffix:** Refers to the lead processing and packaging style. In this case, it indicates that the leads are bent to a specific pitch (e.g., 5mm) and supplied on a tape for automated insertion machines. --- ### Common Applications * **Power Supplies:** Filtering noise in AC/DC switching power supplies. * **Automotive Electronics:** Protecting sensitive sensors from engine noise. * **Industrial Equipment:** Preventing signal interference in high-current motor controllers. * **Consumer Electronics:** Used in TVs and audio equipment to ensure signal integrity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this leaded ferrite bead and a standard SMD ferrite bead?
    • ⤷ How do I calculate the noise attenuation for this component at a specific frequency?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the BL02 series?