BL02RN1-R62
AI

The **BL02RN1-R62** is a specialized electronic component categorized as an **EMI Suppression Filter** (specifically a Ferrite Bead with lead wires). It is manufactured by **Murata Electronics**.
Below is a detailed breakdown of its specifications and functions.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ferrite Bead (Leaded) |
| **Impedance** | Typically used for high-frequency noise suppression |
| **Rated Current** | 7 Amperes (Max) |
| **DC Resistance** | 0.05 Ohms (Max) |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Through-Hole |
| **Lead Diameter** | ~0.6 mm |
---
### 2. Functional Overview
The BL02RN1-R62 belongs to the **EMIFIL®** (EMI Filter) series. Unlike a standard resistor or inductor, its primary job is to dissipate high-frequency noise as heat.
* **Noise Absorption:** It acts as a low-pass filter. It allows low-frequency signals (or DC power) to pass through with minimal resistance but introduces high impedance to high-frequency electromagnetic interference (EMI).
* **High Current Capacity:** With a 7A rating, it is specifically designed for power supply lines where high current is present but noise suppression is required to prevent interference with sensitive circuits.
---
### 3. Construction and Material
The device consists of a **Ferrite Core** shaped like a small bead or cylinder with a conductive wire passing through it.
* **R62 Suffix:** This often refers to the specific packaging or lead formation (e.g., taping or specific bending styles for automated insertion).
* **Material:** The ferrite material is optimized for broad-frequency noise absorption rather than energy storage (unlike a power inductor).
---
### 4. Typical Applications
This part is commonly found in:
1. **Power Supplies:** To prevent switching noise from entering the main power grid or affecting the rest of the PCB.
2. **Digital Equipment:** Suppressing noise generated by high-speed clocks or data lines.
3. **Automotive Electronics:** Filtering ripples in DC lines for sensors or infotainment systems.
4. **Audio/Video:** Reducing high-frequency "hiss" or distortion caused by electromagnetic pickup.
---
- ⤷
What is the difference between this ferrite bead and a standard inductor?
- ⤷ Can this component be used in AC power circuits?
- ⤷ What are the physical dimensions of the BL02RN1-R62?