công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R9131

  • AI
    The **BL-R9131** is a low-cost, high-performance IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is primarily designed around the **Realtek RTL8188EUS** (or RTL8188ETV) chipset and is widely used in set-top boxes, IP cameras, and IoT devices. --- ### 1. Key Technical Specifications The following table outlines the core electronic and operational parameters of the module: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 (standard) | | **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Frequency Range** | 2.4GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via I-PEX connector or solder pin) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 2. Major Electronic Components The module's architecture is minimalist to maintain a small form factor (typically 12.3mm x 13mm). 1. **The SoC (System on Chip):** * **Realtek RTL8188EUS:** This is the "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF (Radio Frequency) radio into a single chip. 2. **Crystal Oscillator (XTAL):** * Usually a **40MHz** crystal. This provides the precise clock frequency required for the RF synchronization and timing of the data packets. 3. **Power Management Unit (PMU):** * Integrated within the RTL8188 chip to convert the 3.3V input to lower internal core voltages (around 1.2V). 4. **RF Front-End:** * Includes a Power Amplifier (PA) and Low Noise Amplifier (LNA) integrated within the silicon to boost transmission and reception sensitivity. 5. **USB Interface Pins:** * Standard four-pin layout: VCC (3.3V), D+, D-, and GND. --- ### 3. Pin Configuration and Functions The BL-R9131 typically uses a half-hole (castellated) PCB design for easy soldering onto a host motherboard. | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **GND** | Power | Ground connection | | 2 | **USB_D-** | I/O | USB 2.0 Differential Data Negative | | 3 | **USB_D+** | I/O | USB 2.0 Differential Data Positive | | 4 | **3.3V** | Power | Power Supply Input (3.3V) | | 5 | **CHIP_EN** | Input | Enable pin (High = Active, Low = Power Down) | | 6 | **ANT** | RF | Connection to external 2.4GHz Antenna | --- ### 4. Implementation Requirements * **Host Driver:** Since this is a USB-based module, the host system (Linux, Android, or Windows) requires the `8188eu` driver to communicate with the hardware. * **Decoupling Capacitors:** It is recommended to place a 10uF and a 0.1uF capacitor near the VCC pin to filter power supply noise. * **Antenna Impedance:** The trace leading from the ANT pin to the antenna must be designed with **50-ohm characteristic impedance** to prevent signal loss. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels for the BL-R9131 in active vs. standby mode?
    • ⤷ Which Linux kernel versions natively support the RTL8188EUS chipset?
    • ⤷ Can the BL-R9131 support soft-AP (Access Point) mode?