BL-R5132K
AI

The **BL-R5132K** is a high-performance, low-power, highly integrated **Wi-Fi + Bluetooth (BLE)** combo module. It is commonly used in Internet of Things (IoT) devices that require wireless connectivity in a compact form factor.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Architecture
The module is typically based on a Realtek chipset (often the RTL8720 or similar series), designed to support both 2.4GHz Wi-Fi and Bluetooth Low Energy (BLE).
| Component | Description |
| :--- | :--- |
| **Wi-Fi Protocol** | IEEE 802.11 b/g/n (1x1) |
| **Bluetooth Protocol** | Bluetooth v4.2 or v5.0 (BLE) |
| **Interface** | UART / GPIO / PWM / I2C |
| **Frequency Band** | 2.412GHz ~ 2.484GHz |
---
### 2. Detailed Technical Specifications
The electronics of the BL-R5132K are optimized for power efficiency and data throughput.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 3.3V (±10%) |
| **Data Rate (Wi-Fi)** | Up to 150Mbps (802.11n) |
| **TX Power** | 17dBm (802.11b), 14dBm (802.11n) |
| **RX Sensitivity** | -82dBm @ 802.11n (HT20) |
| **Antenna Type** | External (via I-PEX/U.FL) or PCB Trace |
| **Operating Temperature** | -20°C to +70°C |
---
### 3. Key Electronic Components
The internal PCB of the module consists of several critical stages:
1. **RF Front End:** Includes a power amplifier (PA) for transmission and a low-noise amplifier (LNA) for reception.
2. **Baseband Processor:** Handles the MAC layer and physical layer (PHY) processing for both Wi-Fi and Bluetooth.
3. **Power Management Unit (PMU):** Manages voltage regulation to ensure the core operates efficiently during deep-sleep or active modes.
4. **Crystal Oscillator:** Provides the reference clock (usually 40MHz) required for stable RF frequency generation.
---
### 4. Application Circuit (Example)
To integrate the BL-R5132K into a project, you must connect the following pins:
```markdown
VCC (3.3V) ----> Power Supply
GND ----> Common Ground
TX/RX ----> MCU Serial Communication
EN/CHIP_EN ----> Pull high to enable module
```
### 5. Common Use Cases
* **Smart Home:** Smart plugs, light bulbs, and thermostats.
* **Industrial:** Wireless sensors and data loggers.
* **Consumer:** Wireless audio or DIY IoT projects using UART commands.
---
- ⤷What is the specific pinout diagram for the BL-R5132K?
- ⤷ Does this module support 5GHz Wi-Fi bands?
- ⤷ How do I configure the module using AT commands?