công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R5132D

  • AI
    ## Overview of the BL-R5132D Module The **BL-R5132D** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed for Internet of Things (IoT) applications that require reliable wireless connectivity in a compact form factor. ### Core Technical Specifications The module typically utilizes the **Realtek RTL8132D** or a similar high-performance SOC. Below are the primary electronic characteristics: | Parameter | Specifications | | :--- | :--- | | **Chipset** | Realtek RTL8132D series | | **Wireless Standard** | IEEE 802.11 b/g/n (Wi-Fi 4) | | **Bluetooth Version** | Bluetooth v4.2 / v5.0 (Dual Mode) | | **Interface** | SDIO 2.0 / UART | | **Operating Voltage** | 3.3V ± 10% | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Antenna Type** | External (via I-PEX/MHF) or PCB Trace | --- ### Electronic Components & Architecture The BL-R5132D architecture consists of several critical electronic sections: #### 1. RF Front-End * **PA (Power Amplifier):** Boosts the transmission signal to ensure range. * **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to pick up weak signals. * **Switch/Diplexer:** Manages the switching between Wi-Fi and Bluetooth signals since they share the same 2.4GHz frequency band. #### 2. Baseband and MAC * The module contains a digital signal processor (DSP) that handles the **Physical Layer (PHY)** and **Media Access Control (MAC)**. * It manages the encryption/decryption (WEP, WPA/WPA2/WPA3) and packet management. #### 3. Power Management Unit (PMU) * The internal PMU regulates the 3.3V input down to the core voltages required by the internal 1.1V logic circuits. * Includes low-dropout regulators (LDOs) to minimize electronic noise that could interfere with RF performance. #### 4. Clocking * A high-precision **Crystal Oscillator** (usually 26MHz or 40MHz) provides the reference clock for the radio and internal CPU. --- ### Pin Configuration (Common Layout) The module usually utilizes a **Stamp Hole (LGA)** package for surface mounting. Key pin groups include: * **VCC/GND:** Power supply pins. * **SDIO Pins:** `CLK`, `CMD`, and `DATA0-3` for high-speed Wi-Fi communication with the host MCU. * **UART Pins:** `TX/RX` for Bluetooth data and command communication (HCI). * **GPIOs:** Programmable pins for LEDs, wake-up signals, or peripheral control. * **CHIP_EN:** Hardware enable pin to put the module in deep sleep or power-on mode. --- ### Key Applications * **Smart Home:** Smart plugs, lighting controllers, and thermostats. * **Consumer Electronics:** Wireless cameras, printers, and set-top boxes. * **Industrial:** Remote sensors and wireless gateways.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput supported by the BL-R5132D over Wi-Fi?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi or is it limited to 2.4GHz?
    • ⤷ What are the specific power consumption levels in deep sleep mode?