công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R5132C

  • AI
    The **BL-R5132C** is a high-performance, low-power wireless communication module based on the **Realtek RTL8723DS** chipset. It is a highly integrated single-chip that combines a Wireless LAN (WLAN) and a Bluetooth (BT) controller into one package. --- ## 1. Core Technical Specifications The module is designed to provide comprehensive wireless connectivity via an **SDIO interface** for Wi-Fi and **UART interface** for Bluetooth. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8723DS | | **Wi-Fi Standards** | IEEE 802.11b/g/n | | **Bluetooth Standard** | Bluetooth v2.1/4.2 (Dual Mode) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Interface (Wi-Fi)** | SDIO 1.1/2.0 | | **Interface (BT)** | UART / PCM | | **Antenna** | External (via IPEX or Solder Pad) | | **Supply Voltage** | 3.3V (±0.3V) | --- ## 2. Electronic Components & Architecture The internal architecture of the BL-R5132C consists of several critical electronic blocks: ### A. RF Front-End * **PA (Power Amplifier):** Boosts the signal for transmission to reach the required range. * **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to pick up weak signals. * **T/R Switch:** Manages the switching between Transmit and Receive modes on the single 2.4GHz antenna. ### B. Baseband and MAC * **WLAN MAC:** Handles the 802.11 protocols, including CSMA/CA, packet framing, and security encryption (WEP, WPA/WPA2). * **Bluetooth Link Controller:** Manages frequency hopping, paging, and low-energy connection states. ### C. Power Management Unit (PMU) * The module integrates an internal switching regulator and LDOs to convert the 3.3V input into the lower voltages required by the core logic (usually 1.1V and 1.8V). --- ## 3. Pinout Functionality (Typical) The module usually features a stamp-hole (LCC) package for Surface Mount Technology (SMT). | Pin Category | Function | | :--- | :--- | | **Power** | VDD33 (3.3V Input) and GND (Ground) | | **SDIO** | CLK, CMD, D0, D1, D2, D3 (Data transfer for Wi-Fi) | | **UART** | TX, RX, CTS, RTS (Command and Data for Bluetooth) | | **Controls** | CHIP_EN (Enable), WL_WAKE (Host wake up) | --- ## 4. Key Application Areas Due to its small form factor and low power consumption, it is widely used in: * **OTT Boxes:** Android TV boxes and IPTV. * **IP Cameras:** Wireless security surveillance. * **Tablets/Laptops:** Adding wireless capabilities via the SDIO bus. * **IoT Gateways:** Acting as a bridge between local sensors and the cloud.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the BL-R5132C in sleep mode?
    • ⤷ Does this module support Wi-Fi 5 or Wi-Fi 6 standards?
    • ⤷ How do I configure the external antenna for this specific module?