AI

The **BL-R5132** is a highly integrated, low-power, high-performance **Wi-Fi + Bluetooth Low Energy (BLE)** combo module. It is designed to provide wireless connectivity for IoT (Internet of Things) devices, smart appliances, and industrial controllers.
---
### 1. Core Technical Specifications
The module is typically based on a Realtek chipset (often the RTL8720 or similar series), designed to support dual-mode wireless communication.
| Feature | Specification |
| :--- | :--- |
| **Wi-Fi Standards** | IEEE 802.11 b/g/n (2.4GHz) |
| **Bluetooth Standard** | Bluetooth 5.0 Low Energy (BLE) |
| **Data Rate (Wi-Fi)** | Up to 150 Mbps (802.11n) |
| **Frequency Range** | 2.400 GHz ~ 2.4835 GHz |
| **Operating Voltage** | 3.3V (Typical) |
| **Interface Support** | UART, GPIO, PWM, I2C, SPI |
| **Antenna Type** | PCB trace antenna or IPEX connector (External) |
---
### 2. Key Electronic Components
The architecture of the BL-R5132 consists of several critical internal sub-systems:
#### A. The SoC (System on Chip)
The heart of the module is the **Wireless MCU**. It contains a CPU (usually an ARM Cortex-M series) that manages both the network stacks (TCP/IP) and the application code.
#### B. RF Front-End
* **Power Amplifier (PA):** Increases the signal strength for transmission.
* **Low Noise Amplifier (LNA):** Enhances weak incoming signals from the antenna.
* **Internal Switch:** Manages the sharing of the antenna between Wi-Fi and Bluetooth.
#### C. Power Management Unit (PMU)
This internal circuit regulates the 3.3V input down to the lower voltages required by the core (e.g., 1.1V or 1.8V), optimizing power consumption during "Sleep" or "Deep Sleep" modes.
#### D. Clocking System
The module contains a high-precision **Crystal Oscillator** (usually 40MHz). This provides the timing reference for the radio frequencies and the processor.
---
### 3. Pinout and Connectivity
The BL-R5132 is usually surface-mounted (SMT). Common pin functions include:
* **VCC/GND:** Power supply pins.
* **TX/RX:** UART pins used for AT-Command control or firmware flashing.
* **EN/CHIP_EN:** Enables or disables the module to save power.
* **GPIOs:** General purpose pins used to control LEDs, sensors, or relays.
---
### 4. Typical Applications
* **Smart Home:** Smart plugs, light bulbs, and thermostats.
* **Industrial:** Remote sensors and wireless data loggers.
* **Consumer Electronics:** IP cameras and wireless speakers.
- ⤷
What are the specific power consumption figures for the BL-R5132 in deep sleep mode?
- ⤷ How do I interface this module with an Arduino or STM32 microcontroller?
- ⤷ Does this module support WPA3 security protocols?