AI

The **BL-R5130** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN module. It is designed to provide high-speed wireless connectivity for embedded systems through a USB interface.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Core Architecture
At the heart of the BL-R5130 module is typically the **Realtek RTL8188EUS** (or a similar variant like the RTL8188FTV), which combines a MAC, a 1T1R capable baseband, and an RF radio in a single chip.
| Component | Description |
| :--- | :--- |
| **Main Chipset** | Realtek RTL8188 series (SoC) |
| **Protocol Support** | IEEE 802.11b, 802.11g, 802.11n |
| **Interface** | USB 2.0 (High Speed) |
| **Antenna Type** | External (via I-PEX/MHF connector) or PCB Trace |
---
### 2. Technical Specifications
These parameters define the operational limits and performance of the electronic parts within the module.
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 3.3V ± 0.2V |
| **Frequency Range** | 2.412 GHz ~ 2.484 GHz |
| **Data Rate (Max)** | 150 Mbps (802.11n) |
| **Modulation** | OFDM, CCK, DQPSK, DBPSK |
| **Operating Current** | ~150mA (Tx), ~100mA (Rx) |
| **Storage Temperature** | -40°C to +80°C |
---
### 3. Key Electronic Components
The module consists of several critical passive and active components:
* **Crystal Oscillator:** Usually a **40MHz** crystal that provides the clock reference for the RF synthesizer and digital logic.
* **RF Front End:** Includes an integrated Power Amplifier (PA) and Low Noise Amplifier (LNA) within the Realtek chip to manage signal strength.
* **Filters:** Ceramic band-pass filters are used to suppress out-of-band emissions and interference.
* **Voltage Regulator:** Internal LDOs (Low Drop-Out regulators) manage the power distribution to the core logic (1.2V) and I/O (3.3V).
* **EEPROM/OTP:** Integrated memory to store the MAC address and calibration data.
---
### 4. Pin Configuration (Common 4-6 Pin Layout)
The module is usually integrated into devices via a small pin header.
```text
Pin 1: VCC (3.3V Power Supply)
Pin 2: USB_D- (Data Minus)
Pin 3: USB_D+ (Data Plus)
Pin 4: GND (Ground)
Pin 5: CH_EN/WPS (Chip Enable or WPS Trigger - Optional)
```
---
### 5. Application Areas
Due to its small form factor and low power consumption, it is commonly used in:
1. **IP Cameras:** For wireless video streaming.
2. **STB (Set-Top Boxes):** Adding Wi-Fi connectivity to TVs.
3. **Smart Appliances:** Refrigerators or washing machines requiring IoT features.
4. **Dash Cams:** Transferring footage to smartphones via Wi-Fi.
- ⤷What are the driver requirements for the RTL8188EUS chipset used in this module?
- ⤷ How does the power consumption of BL-R5130 compare to the newer Wi-Fi 6 modules?
- ⤷ What is the maximum transmission range of the BL-R5130 in an open field?