công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R4538B

  • AI
    ## Overview of the BL-R4538B The **BL-R4538B** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN (Wi-Fi) module. It is designed to provide high-speed wireless connectivity for embedded devices, smart appliances, and consumer electronics. --- ### 1. Core Electronic Components The module's architecture is built around several key electronic blocks: | Component Type | Description | | :--- | :--- | | **Main Chipset** | Typically utilizes the **Realtek RTL8188EUS** (or similar), which acts as the MAC, Baseband, and Radio. | | **Crystal Oscillator** | Usually a **40MHz crystal**, providing the timing and frequency reference for the RF circuits. | | **EEPROM/Flash** | Stores configuration data, MAC addresses, and vendor identification. | | **RF Front End** | Includes a Power Amplifier (PA), Low Noise Amplifier (LNA), and a T/R switch. | | **Antenna Interface** | Features an onboard PCB antenna or an I-PEX/MHF connector for external antennas. | --- ### 2. Technical Specifications The electronic performance of the module is defined by the following parameters: * **Operating Voltage:** 3.3V DC (±0.2V). * **Interface:** USB 2.0 (Standard High-Speed interface). * **Power Consumption:** * **Transmit:** ~150mA to 200mA depending on power level. * **Receive:** ~100mA. * **Frequency Range:** 2.412 GHz to 2.484 GHz. * **Data Rates:** * 802.11n: Up to 150Mbps. * 802.11g: Up to 54Mbps. * 802.11b: Up to 11Mbps. --- ### 3. Pinout Configuration The BL-R4538B usually follows a standard 4-pin or 6-pin layout for its USB interface: | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **3.3V** | Power | Main Power Supply Input | | 2 | **DM (D-)** | I/O | USB Data Minus | | 3 | **DP (D+)** | I/O | USB Data Plus | | 4 | **GND** | Power | Ground | | 5 | **SUSPEND** | Output | Power management status (Optional) | | 6 | **RES/PD** | Input | Reset or Power Down (Optional) | --- ### 4. RF Characteristics and Modulation The electronic signal processing involves complex modulation schemes to ensure data integrity: ```text Modulation Types: - 802.11b: CCK, DQPSK, DBPSK - 802.11g/n: 64QAM, 16QAM, QPSK, BPSK (OFDM) RF Output Power: - 802.11b: 17dBm ± 1.5dBm - 802.11g: 14dBm ± 1.5dBm - 802.11n: 13dBm ± 1.5dBm ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the BL-R4538B in an open environment?
    • ⤷ Does this module require a specific driver for Linux or Android?
    • ⤷ What are the common power saving modes available for this chipset?